Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1PMT4100 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1PMT4100
Description  LOW NOISE 1 WATT Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1PMT4100 Datasheet(HTML) 2 Page - Microsemi Corporation

  1PMT4100 Datasheet HTML 1Page - Microsemi Corporation 1PMT4100 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MSC0994.PDF
ISO 9001 CERTIFIED
REV F 10/27/99
1PMT4614 thru 4627 and 1PMT4099 thru 4135
Electrical Characteristics @ 25
°°C
NOMINAL
ZENER
VOLTAGE
(1)
VZ@IZT
ZENER
TEST CURRENT
IZT
MAXIMUM
ZENER
IMPEDANCE
(2)
ZZT
MAXIMUM
REVERSE
CURRENT
IZ@VR
MAXIMUM
NOISE
DENSITY
ND@IZT
MAXIMUM
ZENER
CURRENT
(3)
IZM
TYPICAL
TEMPERATURE
COEFFICIENT
OF ZENER
VOLTAGE
α
α
VZ
MICROSEMI
NUMBER
DEVICE
MARKING
VOLTS
µµA
OHMS
µµA
VOLTS
µµV/√√HZ
mA
%/
°°C
1PMT4614
614
1.8
250
1200
7.5
1.0
1
262.4
-0.075
1PMT4615
615
2.0
250
1250
5.0
1.0
1
240.6
-0.075
1PMT4616
616
2.2
250
1300
4.0
1.0
1
218.7
-0.075
1PMT4617
617
2.4
250
1400
2.0
1.0
1
207.8
-0.075
1MPT4618
618
2.7
250
1500
1.0
1.0
1
196.8
-0.075
1PMT4619
619
3.0
250
1600
0.8
1.0
1
190.3
-0.075
1PMT4620
620
3.3
250
1650
7.5
1.5
1
185.9
-0.075
1PMT4621
621
3.6
250
1700
7.5
2.0
1
181.5
-0.065
1PMT4622
622
3.9
250
1650
5.0
2.0
1
174.9
-0.060
1PMT4623
623
4.3
250
1600
4.0
2.0
1
168.4
-0.050
1PMT4624
624
4.7
250
1550
10
3.0
1
164.0
-0.040 +0.020
1PMT4625
625
5.1
250
1500
10
3.0
2
153.1
-0.045 +0.030
1PMT4626
626
5.6
250
1400
10
4.0
4
142.2
-0.020 +0.040
1PMT4627
627
6.2
250
1200
10
5.0
5
133.4
-0.010 +0.050
1PMT4099
099
6.8
250
200
10
5.17
40
122.5
0.040
1PMT4100
100
7.5
250
200
10
5.70
40
111.5
0.045
1PMT4101
101
8.2
250
200
1.0
6.24
40
100.6
0.048
1PMT4102
102
8.7
250
200
1.0
6.61
40
96.2
0.049
1PMT4103
103
9.1
250
200
1.0
6.92
40
91.9
0.050
1PMT4104
104
10
250
200
1.0
7.60
40
83.1
0.055
1PMT4105
105
11
250
200
.05
8.44
40
76.5
0.060
1PMT4106
106
12
250
200
.05
9.12
40
69.9
0.065
1PMT4107
107
13
250
200
.05
9.87
40
63.4
0.065
1PMT4108
108
14
250
200
.05
10.65
40
59.0
0.070
1PMT4109
109
15
250
100
.05
11.40
40
54.8
0.070
1PMT4110
110
16
250
100
.05
12.15
40
52.5
0.070
1PMT4111
111
17
250
100
.05
12.92
40
48.1
0.075
1PMT4112
112
18
250
100
.05
13.37
40
45.9
0.075
1PMT4113
113
19
250
150
.05
14.44
40
43.7
0.075
1PMT4114
114
20
250
150
.01
15.20
40
41.6
0.075
1PMT4115
115
22
250
150
.01
16.72
40
37.2
0.080
1PMT4116
116
24
250
150
.01
18.25
40
34.9
0.080
1PMT4117
117
25
250
150
.01
19.00
40
32.8
0.080
1PMT4118
118
27
250
150
.01
20.45
40
30.6
0.085
1PMT4119
119
28
250
200
.01
21.28
40
30.6
0.085
1PMT4120
120
30
250
200
.01
22.80
40
28.4
0.085
1PMT4121
121
33
250
200
.01
25.08
40
26.2
0.085
1PMT4122
122
36
250
200
.01
27.38
40
24.0
0.090
1PMT4123
123
39
250
200
.01
29.65
40
21.4
0.090
1PMT4124
124
43
250
250
.01
32.65
40
19.5
0.090
1PMT4125
125
47
250
250
.01
35.75
40
17.7
0.090
1PMT4126
126
51
250
300
.01
38.76
40
16.4
0.090
1PMT4127
127
56
250
300
.01
42.60
40
14.7
0.090
1PMT4128
128
60
250
400
.01
45.60
40
13.9
0.090
1PMT4129
129
62
250
500
.01
47.10
40
13.3
0.090
1PMT4130
130
68
250
700
.01
51.68
40
12.2
0.095
1PMT4131
131
75
250
700
.01
57.00
40
11.2
0.095
1PMT4132
132
82
250
800
.01
62.32
40
10.1
0.095
1PMT4133
133
87
250
1000
.01
66.12
40
9.6
0.095
1PMT4134
134
91
250
1200
.01
69.16
40
9.2
0.095
1PMT4135
135
100
250
1500
.01
76.00
40
8.3
0.095
NOTE 1: Product shown has a standard tolerance of
±5% on the nominal zener voltage. Also available in 2% and 1% tolerance with suffix C
and D respectively. VZ is measured at IZT with Tc (TAB 1) at 30°C.
NOTE 2: Zener impedance is derived by superimposing on IZT a 60 Hz rms ac current equal to 10% of IZT (25
µA ac.).
NOTE 3: Based upon 1 W maximum power dissipation. Allowance has been made for the higher voltage associated with operation at higher
currents and temperature. For determination of voltage change with current deviations from IZT see Micro Note 202



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com