Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2222AXS Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N2222AXS
Description  SWITCHING TRANSISTOR NPN SILICON
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2222AXS Datasheet(HTML) 1 Page - Microsemi Corporation

  2N2222AXS Datasheet HTML 1Page - Microsemi Corporation 2N2222AXS Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2N2222A DIE
A Microsemi Company
580 Pleasant St.
Phone: 617-924-9280
Watertown, MA 02172
Fax:
617-924-1235
DIE SPECIFICATION
SWITCHING TRANSISTOR
NPN SILICON
FEATURES:
n ELECTRICAL PERFORMANCE I.A.W. MIL-PRF-19500/255
n AVAILABLE IN WAFER OR CHIP FORM FOR HYBRID APPLICATIONS
n GENERAL PURPOSE-HIGH SPEED SWITCHING APPLICATIONS
n LOW VCE(sat): .3V @ IC = 150 mAdc
Absolute Maximum Ratings:
Symbol
Parameter
Limit
Unit
Vceo
Collector-Emitter Voltage
50
Vdc
Vcbo
Collector-Base Voltage
75
Vdc
Vebo
Emitter-Base Voltage
6.0
Vdc
Ic
Collector Current- Continuous
800
mAdc
Tj, Tstg
Operating Junction & Storage
-65 to +200 °C
Temperature Range
Sertech reserves the right to make changes to any product design, specification, or other information at any time without
prior notice.
Data Sheet, Die, 2N2222A MSW Rev. - 4/15/98
PHYSICAL DIMENSIONS
Packaging Options:
W: Wafer (100% probed)
U: Wafer (sample probed)
D:
Chip (Waffle Pack)
B: Chip (Vial)
V:
Chip (Waffle Pack, 100% visually inspected) X: Other
Processing Options:
Standard: Capable of JANTXV applications (No Suffix)
Suffix C:
Commercial
Suffix S:
Capable of S-Level equivalent applications
Metallization Options:
Standard: Al Top
/ Au Backside (No Dash #)
Dash 1:
Al Top
/
TiPdAg Backside
ORDERING INFORMATION:
PART #: 2N2222A_ _ - _
First Suffix Letter: Packaging Option
Second Suffix Letter: Processing Option
Dash #:
Metallization Option
MSC0949.PDF


Similar Part No. - 2N2222AXS

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2222AXCSM SEME-LAB-2N2222AXCSM Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed LCC1 Ceramic Surface Mount Package for High Reliability Applications
More results

Similar Description - 2N2222AXS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Jun-1998
logo
Siemens Semiconductor G...
SXT2222A SIEMENS-SXT2222A Datasheet
155Kb / 6P
NPN Silicon Switching Transistor
logo
Infineon Technologies A...
PZT3904 INFINEON-PZT3904 Datasheet
48Kb / 5P
NPN Silicon Switching Transistor
Nov-30-2001
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
Weitron Technology
MMBT4401 WEITRON-MMBT4401 Datasheet
461Kb / 6P
Switching Transistor NPN Silicon
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Feb-2003
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
logo
Unisonic Technologies
BU406 UTC-BU406_15 Datasheet
213Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com