Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE13U1005 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE13U1005
Description  Waveguide Mixer Up Converter WR-28 From 26.5 GHz to 40 GHz, IF From DC to 18 GHz And LO Power of plus 13 dBm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE13U1005 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE13U1005 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE13U1005 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE13U1005 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE13U1005 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Waveguide Mixer Up Converter WR-28 From 26.5 GHz to 40 GHz, IF From DC to 18 GHz And LO Power of +13 dBm, UG-
599/U Flange, Ka Band from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF,
microwave and millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Waveguide Mixer Up Converter WR-28 From 26.5 GHz to 40 GHz, IF From DC to 18 GHz And LO
Power of +13 dBm, UG-599/U Flange, Ka Band PE13U1005
URL: http://www.pasternack.com/waveguide-mixer-up-converter-wr-28-26.5-40-ghz-if-18-ghz-pe13u1005-p.aspx
PE13U1005 REV 1.0
Waveguide Mixer Up Converter WR-28 From
26.5 GHz to 40 GHz, IF From DC to 18 GHz And LO Power
of +13 dBm, UG-599/U Flange, Ka Band
Waveguide Converters - PE13U1005



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com