Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE44655 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44655
Description  SMP Female Connector Solder Attachment For RG178, RG196
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44655 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44655 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44655 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44655 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMP Female Connector Solder Attachment For RG178, RG196
Configuration
Connector
SMP Female
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 3
Impedance, Ohms
50
Maximum VSWR
1.15:1
Maximum Insertion Loss, dB
0.21
Dielectric Withstanding Voltage, Vrms
500
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +165
Size
Length, in [mm]
0.25 [6.35]
Width/Dia., in [mm]
0.135 [3.43]
.
Weight, lbs [g]
0.002 [0.91]
Connector
Type
SMP Female
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
ASTM B 488, Type II, Code C, Class 1.27
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
ASTM B 488, Type II, Code C, Class 1.27
Dielectric Type
PTFE
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Female Connector Solder Attachment For RG178, RG196 PE44655
PE44655
PE44655 REV 1.1
SMP Female Connector Solder Attachment For RG178, RG196


Similar Part No. - PE44655

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4465 PASTERNACK-PE4465 Datasheet
258Kb / 2P
TNC Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE44650A PASTERNACK-PE44650A Datasheet
218Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Black Color
PE44650B PASTERNACK-PE44650B Datasheet
216Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, White Color
PE44650C PASTERNACK-PE44650C Datasheet
219Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Blue Color
PE44650D PASTERNACK-PE44650D Datasheet
218Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Bordeaux Color
More results

Similar Description - PE44655

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4325 PASTERNACK-PE4325 Datasheet
283Kb / 2P
SMA Female Connector Crimp/Solder Attachment For RG178, RG196
PE4423 PASTERNACK-PE4423 Datasheet
269Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 &RG196
PE44404 PASTERNACK-PE44404 Datasheet
111Kb / 1P
SSMA FEMALE SOLDER ATTACHMENT FOR RG178 &RG196
PE44406 PASTERNACK-PE44406 Datasheet
113Kb / 1P
SSMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 & RG196
PE44406 PASTERNACK-PE44406 Datasheet
113Kb / 1P
SSMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 &RG196
PE4591 PASTERNACK-PE4591 Datasheet
218Kb / 2P
SMA Female Connector Clamp - Solder Attachment For RG178, RG196
PE44841 PASTERNACK-PE44841 Datasheet
253Kb / 2P
SMP Female Push-On Connector Solder Attachment For RG178, RG196
PE44914 PASTERNACK-PE44914 Datasheet
376Kb / 3P
SMP Female Right Angle Connector Solder Attachment for RG178, RG196
PE4592 PASTERNACK-PE4592 Datasheet
97Kb / 1P
SMA FEMALE SOLDER ATTACHMENT FOR RG178 & RG196
PE45287 PASTERNACK-PE45287 Datasheet
346Kb / 3P
SMP Female Push-On Connector Solder Attachment for RG178, RG196
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com