Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6352 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N6352
Description  NPN DARLINGTON POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6352 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N6352 Datasheet HTML 1Page - Microsemi Corporation 2N6352 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N6350, 2N6351, 2N6352, 2N6353 JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
Emitter-Base Breakdown Voltage
IEB = 12 mAdc, Base 1 Open
IEB = 12 mAdc, Base 2 Open
V(BR)EBO
6.0
12
Vdc
Collector-Emitter Cutoff Current
VEB1 = 2.0 Vdc, RB2E = 100 Ω, VCE = 80 Vdc
2N6350, 2N6352
VEB1 = 2.0 Vdc, RB2E = 100 Ω, VCE = 150 Vdc
2N6351, 2N6353
ICEX
1.0
1.0
µAdc
ON CHARACTERISTICS
(6)
Forward-Current Transfer Ratio
IC = 1.0 Adc, VCE = 5.0 Vdc, RB2E = 1.0 Ω
2N6350, 2N6352
IC = 5.0 Adc, VCE = 5.0 Vdc, RB2E = 100 Ω
IC = 10 Adc, VCE = 5.0 Vdc, RB2E = 100 Ω
IC = 1.0 Adc, VCE = 5.0 Vdc, RB2E = 1.0 Ω
2N6351, 2N6353
IC = 5.0 Adc, VCE = 5.0 Vdc, RB2E = 100 Ω
IC = 10 Adc, VCE = 5.0 Vdc, RB2E = 100 Ω
hFE
2,000
2,000
400
1,000
1,000
200
10,000
10,000
Collector-Emitter Saturation Voltage
IC = 5.0 Adc, RB2E = 100 Ω, IB1 = 5.0 mAdc
2N6350, 2N6352
IC = 5.0 Adc, RB2E = 100 Ω, IB1 = 10 mAdc
2N6351, 2N6353
VCE(sat)
1.5
2.5
Vdc
Base-Emitter Voltage
IC = 5.0 Adc, VCE = 5.0 Vdc, RB2E = 100 Ω
VBE1(on)
2.5
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 1.0 Adc, VCE = 10 Vdc, RB2E = 100 Ω; f = 10 MHz
h
fe
5.0
25
Output Capacitance
VCB1 = 10 Vdc, 100 kHz ≤ f ≤ 1.0 MHz, Base 2 Open
Cobo
120
pF
SWITCHING CHARACTERISTICS
Turn-On Time
VCC = 30 Vdc; IC = 5.0 Adc
(See fig 4 for 2N6350, 2N6352)
(See fig 5 for 2N6350, 2N6352)
ton
0.5
µs
Turn-Off Time
VCC = 30 Vdc; IC = 5.0 Adc
(See fig 4 for 2N6350, 2N6352)
(See fig 5 for 2N6350, 2N6352)
toff
1.2
µs
SAFE OPERATING AREA
DC Tests
TC = +100
0C, 1 Cycle, t
≥ 1.0 s, t
r + tf = 10 µs, RB2E = 100 Ω (See fig 6 for 2N6350, 2N6351)
Test 1
VCE = 1.5Vdc, IC = 3.3 Adc
2N6350, 2N6351
Test 2
VCE = 30 Vdc, IC = 167 mAdc
2N6350, 2N6351
Test 3
VCE = 80 Vdc, IC = 35 mAdc
2N6350
Test 4
VCE = 150 Vdc, IC = 13 mAdc
2N6351
TC = +100
0C, 1 Cycle, t
≥≥ 1.0 s, t
r + tf = 10 µ
µs, R
B2E = 100 Ω
Ω (See fig 7 for 2N6352, 2N6353)
Test 1
VCE = 5.0Vdc, IC = 5.0 Adc
2N6352, 2N6353
Test 2
VCE = 10 Vdc, IC = 2.5 Adc
2N6352, 2N6353
Test 3
VCE = 80 Vdc, IC = 95 mAdc
2N6352
Test 4
VCE = 150 Vdc, IC = 35 mAdc
2N6353
(6) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com