Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCR4M19G15C99-R0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # CSTCR4M19G15C99-R0
Description  no adjustment is necessary for oscillation circuits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCR4M19G15C99-R0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  CSTCR4M19G15C99-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSTCR4M19G15C99-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSTCR4M19G15C99-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
CSTCR4M19G15C99-R0
Appearance & Shape
Applications
Automotive
Usage
Powertrain/Safety
Other Usage
Automotive
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
-R0
180mm Embossed Tape
3000
Features
MURATA's frequency adjustment and package technology expertise
has enabled the development of the chip CERALOCK(R) with built-in
load capacitors. This diverse series owes its development to
MURATA's original mass production techniques and high reliability,
and has achieved importance in the worldwide automotive market.
Features
1. The series are high accuracy resonators whose total tolerance is
available for less than +-3,000ppm.
2. The series has high reliability and is available for a wide
temperature range.
3. Oscillation circuits do not require external load capacitors.
4. The series is available for a wide frequency range.
5. The resonators are extremely small and have a low profile.
6. No adjustment is necessary for oscillation circuits.
1 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
:
updated 2015/11/30


Similar Part No. - CSTCR4M19G15C99-R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTCR4M19G53-B0 MURATA1-CSTCR4M19G53-B0 Datasheet
321Kb / 16P
Ceramic Resonators/Crystal Units/MEMS Resonators
March 21, 2017
logo
Murata Manufacturing Co...
CSTCR4M19G53-R0 MURATA-CSTCR4M19G53-R0 Datasheet
192Kb / 3P
no adjustment is necessary for oscillation circuits
logo
Murata Manufacturing Co...
CSTCR4M19G53-R0 MURATA1-CSTCR4M19G53-R0 Datasheet
321Kb / 16P
Ceramic Resonators/Crystal Units/MEMS Resonators
March 21, 2017
CSTCR4M19G53-R0 MURATA1-CSTCR4M19G53-R0_V01 Datasheet
321Kb / 16P
Ceramic Resonators/Crystal Units/MEMS Resonators
March 21, 2017
CSTCR4M19G55-B0 MURATA1-CSTCR4M19G55-B0 Datasheet
321Kb / 16P
Ceramic Resonators/Crystal Units/MEMS Resonators
March 21, 2017
More results

Similar Description - CSTCR4M19G15C99-R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTCC2M00G56-R0 MURATA-CSTCC2M00G56-R0 Datasheet
185Kb / 3P
no adjustment is necessary for oscillation circuits
CSTCR4M19G53-R0 MURATA-CSTCR4M19G53-R0 Datasheet
192Kb / 3P
no adjustment is necessary for oscillation circuits
CSTCR5M00G55B-R0 MURATA-CSTCR5M00G55B-R0 Datasheet
191Kb / 3P
no adjustment is necessary for oscillation circuits
CSTCR6M14G55B-R0 MURATA-CSTCR6M14G55B-R0 Datasheet
191Kb / 3P
no adjustment is necessary for oscillation circuits
CSTCR6M60G55-R0 MURATA-CSTCR6M60G55-R0 Datasheet
190Kb / 3P
no adjustment is necessary for oscillation circuits
CSTCR7M37G53002-R0 MURATA-CSTCR7M37G53002-R0 Datasheet
191Kb / 3P
no adjustment is necessary for oscillation circuits
CSTCV24M0X53Q-R0 MURATA-CSTCV24M0X53Q-R0 Datasheet
194Kb / 3P
no adjustment is necessary for oscillation circuits
CSTCW24M0X51R-R0 MURATA-CSTCW24M0X51R-R0 Datasheet
193Kb / 3P
no adjustment is necessary for oscillation circuits
CSTCW26M0X51R-R0 MURATA-CSTCW26M0X51R-R0 Datasheet
193Kb / 3P
no adjustment is necessary for oscillation circuits
CSTCW27M0X51-R0 MURATA-CSTCW27M0X51-R0 Datasheet
195Kb / 3P
no adjustment is necessary for oscillation circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com