Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POB19 Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # POB19
Description  AC Fans and Blowers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

POB19 Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  POB19 Datasheet HTML 1Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408-523-8200 • Fax: 408-733-1287 • sales@purdyelectronics.com •
www.purdyelectronics.com
9/29/11
1
AC Fans and Blowers
POB19-12D-9733B-2
POB19-24D-9733B-2
Features
Size:
97 x 95 x 33 mm (3.88” x 3.8” x 1.32”)
Tolerance:
± 0.5 mm
Airflow:
18.7 CFM
Lead Wire:
26 AWG (UL1061)
Impeller/Housing: PBT/ABS (Black)
Motor:
Brushless DC Motor (Auto Reset Current
Shut Down by Detecting Locked Motor
Condition)
Bearings:
Double Sealed Ball
RoHS:
Lead Free
Safety Approval:UL, CSA
Absolute Maximum Ratings
Type
Rated
Voltage
(V)
Operating
Frequency
(Hz)
Input
Power
(W) (@
60 Hz)
Max Air
Flow (CFM)
Max Air
Pressure (in H2))
Max
Noise*
(dB)
Operating
Temperature (ºC)
Life Expec-
tancy (Hr) (@
40 ºC)
POB19-12D-9733B-2
12
50/60
12
18.7
0.47
43
-20 ~ +60
100,000
POB19-24D-9733B-2
24
50/60
12
18.7
0.47
43
-20 ~ +60
100,000
*Measured 1 m from intake
UL E101153
CUL LR62263
Dimensions – inches mm
Air Flow vs. Air Pressure


Similar Part No. - POB19

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
POB17 PURDY-POB17 Datasheet
113Kb / 1P
DC Fans and Blowers
POB17-12D-9733B-2 PURDY-POB17-12D-9733B-2 Datasheet
113Kb / 1P
DC Fans and Blowers
POB17-24D-9733B-2 PURDY-POB17-24D-9733B-2 Datasheet
113Kb / 1P
DC Fans and Blowers
More results

Similar Description - POB19

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
PM033-115-8025B-4 PURDY-PM033-115-8025B-4 Datasheet
73Kb / 1P
AC Fans and Blowers
PM037-115-8038BT-4 PURDY-PM037-115-8038BT-4 Datasheet
83Kb / 1P
AC Fans and Blowers
PM053-115-1225BT-4 PURDY-PM053-115-1225BT-4 Datasheet
70Kb / 1P
AC Fans and Blowers
PM080-115-1225BT-4 PURDY-PM080-115-1225BT-4 Datasheet
70Kb / 1P
AC Fans and Blowers
PM220 PURDY-PM220 Datasheet
86Kb / 1P
AC Fans and Blowers
PM240 PURDY-PM240 Datasheet
165Kb / 1P
AC Fans and Blowers
PMB24 PURDY-PMB24 Datasheet
92Kb / 1P
AC Fans and Blowers
PM033 PURDY-PM033 Datasheet
753Kb / 1P
AC Fans and Blowers
PM037 PURDY-PM037 Datasheet
83Kb / 1P
AC Fans and Blowers
PM040-9225 PURDY-PM040-9225 Datasheet
92Kb / 1P
AC Fans and Blowers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com