Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR91 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # BFR91
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

BFR91 Datasheet(HTML) 3 Page - Microsemi Corporation

  BFR91 Datasheet HTML 1Page - Microsemi Corporation BFR91 Datasheet HTML 2Page - Microsemi Corporation BFR91 Datasheet HTML 3Page - Microsemi Corporation BFR91 Datasheet HTML 4Page - Microsemi Corporation BFR91 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MSC1308.PDF 10-25-99
BFR91
FUNCTIONAL
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
NF
Noise Figure
(IC = 2.0 mAdc, VCE = 5.0 Vdc, f = 0.5 GHz)
(IC = 2.0 mAdc, VCE = 5.0 Vdc, f = 1.0 GHz)
-
1.9
2.5
-
dB
GNF
Power Gain at Optimum Noise Figure
(IC = 2.0 mAdc, VCE = 5.0 Vdc, f = 0.5 GHz)
(IC = 2.0 mAdc, VCE = 5.0 Vdc, f = 1.0 GHz)
-
11
8.0
-
dB
|S21|
2
Insertion Gain
(IC = 30 mAdc, VCE = 5.0 Vdc, f = 0.5 GHz)
(IC = 30 mAdc, VCE = 5.0 Vdc, f = 1.0 GHz)
14.5
15.5
10.2
-
dB
MSG
Maximum Stable Gain
(IC = 30 mAdc, VCE = 5.0 Vdc, f = 0.5 GHz)
(IC = 30 mAdc, VCE = 5.0 Vdc, f = 1.0 GHz)
-
18.6
12.9
-
dB
G
U max
Maximum Unilateral Gain (1)
(IC = 30 mAdc, VCE = 5.0 Vdc, f = 0.5 GHz)
(IC = 30 mAdc, VCE = 5.0 Vdc, f = 1.0 GHz)
-
16.5
10.9
-
dB
Table 1. Common Emitter S-Parameters, @ VCE = 5.0 V, IC = 30 mA
f
S11
S21
S12
S22
(MHz)
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
100
0.258
-115
25.77
123
0.021
76
0.536
-33
200
0.290
-149
14.66
103
0.038
74
0.384
-43
300
0.298
-164
10.05
94
0.054
75
0.311
-45
500
0.305
-179
6.18
84
0.085
75
0.264
-49
700
0.302
170
4.5
77
0.117
73
0.256
-52
800
0.304
166
3.98
73
0.133
72
0.257
-54
1000
0.304
158
3.24
67
0.166
70
0.251
-57
1500
0.256
134
2.3
54
0.24
65
0.263
-69



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com