Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFY90 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # BFY90
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

BFY90 Datasheet(HTML) 2 Page - Microsemi Corporation

  BFY90 Datasheet HTML 1Page - Microsemi Corporation BFY90 Datasheet HTML 2Page - Microsemi Corporation BFY90 Datasheet HTML 3Page - Microsemi Corporation BFY90 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MSC1310.PDF 10-25-99
BFY90
ELECTRICAL SPECIFICATIONS (Tcase = 25
°C)
STATIC
(off)
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCEO
Collector-Emitter Breakdown Voltage
(IC = 10 mAdc, IB = 0)
15
-
-
Vdc
ICBO
Collector Cutoff Current
(VCE = 15 Vdc, IE = 0 Vdc)
-
-
10
nA
(on)
HFE
DC Current Gain
(IC = 25 mAdc, VCE = 1.0 Vdc)
20
-
125
-
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
fT
Current-Gain - Bandwidth Product
(IC = 25 mAdc, VCE = 5 Vdc, f = 500 MHz)
1.3
-
-
GHz
NFmin
(IC = 2.0 mAdc, VCE = 5.0 Vdc, f = 500 MHz
-
2.5
5.0
dB
Cibo
Emitter-Base Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
-
-
2.0
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com