Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UA78L05CLP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UA78L05CLP
Description  關A78L00 Series Positive-Voltage Regulators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA78L05CLP Datasheet(HTML) 3 Page - Texas Instruments

  UA78L05CLP Datasheet HTML 1Page - Texas Instruments UA78L05CLP Datasheet HTML 2Page - Texas Instruments UA78L05CLP Datasheet HTML 3Page - Texas Instruments UA78L05CLP Datasheet HTML 4Page - Texas Instruments UA78L05CLP Datasheet HTML 5Page - Texas Instruments UA78L05CLP Datasheet HTML 6Page - Texas Instruments UA78L05CLP Datasheet HTML 7Page - Texas Instruments UA78L05CLP Datasheet HTML 8Page - Texas Instruments UA78L05CLP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
μA78L00
www.ti.com
SLVS010U – JANUARY 1976 – REVISED MAY 2011
Absolute Maximum Ratings
(1)
over virtual junction temperature range (unless otherwise noted)
MIN
MAX
UNIT
μA78L02AC, μA78L05C–μA78L09C, μA78L10AC
30
VI
Input voltage
V
μA78L12C, μA78L12AC, μA78L15C, μA78L15AC
35
TJ
Virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Package Thermal Data
(1)
PACKAGE
BOARD
θJC
θJA
SOIC (D)
High K, JESD 51-7
39°C/W
97°C/W
TO-92/TO-226AA (LP)
High K, JESD 51-7
55°C/W
140°C/W
SOT-89 (PK)
High K, JESD 51-7
9°C/W
52°C/W
(1)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. Due to variations in
individual device electrical characteristics and thermal resistance, the built-in thermal-overload protection may be activated at power
levels slightly above or below the rated dissipation.
Recommended Operating Conditions
MIN
MAX
UNIT
μA78L02AC
4.75
20
μA78L05C, μA78L05AC
7
20
μA78L06C, μA78L06AC
8.5
20
μA78L08C, μA78L08AC
10.5
23
VI
Input voltage
V
μA78L09C, μA78L09AC
11.5
24
μA78L10AC
12.5
25
μA78L12C, μA78L12AC
14.5
27
μA78L15C, μA78L15AC
17.5
30
IO
Output current
100
mA
μA78LxxC and μA78LxxAC series
0
125
TJ
Operating virtual junction temperature
°C
μA78L05AI
–40
125
Copyright © 1976–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :μA78L00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com