Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3430 Datasheet(PDF) 21 Page - ON Semiconductor

Part # ADP3430
Description  2??to 3?뭁hase Synchronous Buck Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3430 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button ADP3430 Datasheet HTML 17Page - ON Semiconductor ADP3430 Datasheet HTML 18Page - ON Semiconductor ADP3430 Datasheet HTML 19Page - ON Semiconductor ADP3430 Datasheet HTML 20Page - ON Semiconductor ADP3430 Datasheet HTML 21Page - ON Semiconductor ADP3430 Datasheet HTML 22Page - ON Semiconductor ADP3430 Datasheet HTML 23Page - ON Semiconductor ADP3430 Datasheet HTML 24Page - ON Semiconductor ADP3430 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
ADP3430
http://onsemi.com
21
DC gain = 120 dB, Equation 30 to Equation 33 are intended
to yield an optimal starting point for the design; some
adjustments may be necessary to account for PCB and
component parasitic effects (see the Tuning the ADP3430
section).
First, compute the time constants for all the poles and zeros in the system using Equation 30 to Equation 33.
Ca +
1
Rfb Gain
* Cfb +
1
Rfb Gain
(eq. 30)
Ca +
1
1.24 kW
10
120
20
+ 806 pF
(eq. 31)
Ra +
1
0.5
wc_target
Ca
+
1
0.5
1
6
2 p
300 kHz
806 pF
+ 7.9 kW
(eq. 32)
Cfb +
1
1.5
wS Ra
+
1
1.5
2 p
300 kHz
7.9 kW
+ 44 pF
(eq. 33)
Cb +
1
2
wc_target
Rfb
+
1
2
1
6
2 p
300 kHz
1.24 kW
+ 1.28 nF
Figure 9 and Figure 10 show the typical transient response
using these compensation values.
Figure 9. Typical Transient Response for Design
Example Load Step
Figure 10. Typical Transient Response for Design
Example Load Release
1−Vo, 3−COMP, 4−TRDET, D0~D2−PWM1~3
CIN Selection and Input Current di/dt Reduction
In continuous inductor current mode, the source current of
the high­side MOSFET is approximately a square wave with
a duty ratio equal to n
× VOUT/VIN and an amplitude of
one
−nth the maximum output current. To prevent large
voltage transients, a low ESR input capacitor, sized for the
maximum rms current, must be used. The maximum rms
capacitor current is given by:
ICRMS + D IO
1
N
D *
1
(eq. 34)
ICRMS + 0.1266 56 A
1
3
0.1266 *
1 + 9.1 A
The capacitor manufacturer’s ripple−current ratings are
often based on only 2000 hours of life. As a result, it
advisable to further derate the capacitor or to choose a
capacitor rated at a higher temperature than required.
Several capacitors can be placed in parallel to meet size or
height requirements in the design. In this example, the input
capacitor bank is formed by three 680
mF, 16 V aluminum
electrolytic capacitors and twelve 4.7
mF ceramic capacitors.
To reduce the input current di/dt to a level below the
recommended maximum of 0.1 A/
ms, an additional small
inductor (L > 370 nH at 18 A) should be inserted between the
converter and the supply bus. This inductor also acts as a
filter between the converter and the primary power source.
Thermal Monitor Design
The thermistor is used on the TTSENSE input of the
ADP3430 for monitoring the temperature of the VR. A
constant current of 123
mA is sourced out of this pin and runs
through a thermistor network such as the one shown in
Figure 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com