Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM1232LP Datasheet(PDF) 6 Page - ON Semiconductor

Part # ASM1232LP
Description  5 V P Power Supply Monitor and Reset Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM1232LP Datasheet(HTML) 6 Page - ON Semiconductor

Back Button ASM1232LP Datasheet HTML 2Page - ON Semiconductor ASM1232LP Datasheet HTML 3Page - ON Semiconductor ASM1232LP Datasheet HTML 4Page - ON Semiconductor ASM1232LP Datasheet HTML 5Page - ON Semiconductor ASM1232LP Datasheet HTML 6Page - ON Semiconductor ASM1232LP Datasheet HTML 7Page - ON Semiconductor ASM1232LP Datasheet HTML 8Page - ON Semiconductor ASM1232LP Datasheet HTML 9Page - ON Semiconductor ASM1232LP Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ASM1232LP, ASM1232LPS
http://onsemi.com
6
Application Information
Manual Reset Operation
Push−button switch input, PBRST, allows the user to
override the internal trip point detection circuits and issue
reset signals. The pushbutton input is debounced and is
pulled HIGH through an internal 40 k
W resistor.
When PBRST is held LOW for the minimum time tPB,
both resets become active and remain active for a minimum
time period of 250 ms after PBRST returns HIGH.
The debounced input is guaranteed to recognize pulses
greater than 20 ms. No external pull−up resistor is required,
since PBRST is pulled HIGH by an internal 40 k
W resistor.
The PBRST can be driven from a TTL or CMOS logic line
or shorted to ground with a mechanical switch.
Figure 5. Timing Diagram: Pushbutton Reset
Figure 6. Application Circuit: Pushbutton Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com