Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM1232LPF Datasheet(PDF) 4 Page - ON Semiconductor

Part # ASM1232LPF
Description  5 V P Power Supply Monitor and Reset Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM1232LPF Datasheet(HTML) 4 Page - ON Semiconductor

  ASM1232LPF Datasheet HTML 1Page - ON Semiconductor ASM1232LPF Datasheet HTML 2Page - ON Semiconductor ASM1232LPF Datasheet HTML 3Page - ON Semiconductor ASM1232LPF Datasheet HTML 4Page - ON Semiconductor ASM1232LPF Datasheet HTML 5Page - ON Semiconductor ASM1232LPF Datasheet HTML 6Page - ON Semiconductor ASM1232LPF Datasheet HTML 7Page - ON Semiconductor ASM1232LPF Datasheet HTML 8Page - ON Semiconductor ASM1232LPF Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ASM1232LP, ASM1232LPS
http://onsemi.com
4
Table 3. DC ELECTRICAL CHARACTERISTICS (Unless otherwise stated, 4.5 V ≤ VCC ≤ 5.5 V and over the operating
temperature range of 0°C to 70°C (−40°C to +85°C. for N devices). All Voltages are referenced to ground.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
ST and PBRST Input High Level
VIH
2
VCC + 0.3
V
ST and PBRST Input Low Level
VIL
−0.3
0.8
V
VCC Trip Point (TOL = GND)
VCCTP
4.50
4.62
4.74
V
VCC Trip Point (TOL = VCC)
VCCTP
4.25
4.37
4.49
V
Watchdog Timeout Period
tTD
TD = GND
62.5
150
250
ms
Watchdog Timeout Period
tTD
TD = VCC
500
1200
2000
ms
Watchdog Timeout Period
tTD
TD Floating
250
610
1000
ms
Output Voltage
VOH
I = −500 mA
(Note 4)
VCC − 0.5
VCC − 0.1
V
Output Current
IOH
Output = 2.4 V
(Note 3)
−8
−10
mA
Output Current
IOL
Output = 0.4 V
10
mA
Input Leakage
IIL
(Note 2)
−1.0
1.0
mA
RESET Low Level
VOL
(Note 4)
0.4
V
Internal Pull−up Resistor
(Note 2)
40
kW
Operating Current (CMOS)
ICC1
30
mA
Input Capacitance
CIN
5
pF
Output Capacitance
COUT
10
pF
PBRST Manual Reset
Minimum Low Time
tPB
PBRST = VIL
20
ms
Reset Active Time
tRST
250
610
1000
ms
ST Pulse Width
tST
(Note 5)
20
ns
VCC Fail Detect to RESET or RESET
tRPD
5
8
ms
VCC Slew Rate
tF
4.75 V to 4.25 V
300
ms
PBRST Stable LOW to RESET and
RESET Active
tPDLY
20
ms
VCC Detect to RESET or RESET inactive
tRPU
tRISE = 5 ms
250
610
1000
ms
VCC Slew Rate
tR
4.25 V to 4.75 V
0
ns
2. PBRST is internally pulled HIGH to VCC through a nominal 40 kW resistor.
3. RESET is an open drain output.
4. RESET remains within 0.5 V of VCC on power−down until VCC falls below 2 V. RESET remains within 0.5 V of ground on power−down until
VCC falls below 2.0 V.
5. Must not exceed the minimum watchdog time−out period (tTD). The watchdog circuit cannot be disabled. To avoid a reset, ST must be strobed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com