Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5205-1GDPR3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS5205-1GDPR3
Description  5.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5205-1GDPR3 Datasheet(HTML) 3 Page - ON Semiconductor

  CS5205-1GDPR3 Datasheet HTML 1Page - ON Semiconductor CS5205-1GDPR3 Datasheet HTML 2Page - ON Semiconductor CS5205-1GDPR3 Datasheet HTML 3Page - ON Semiconductor CS5205-1GDPR3 Datasheet HTML 4Page - ON Semiconductor CS5205-1GDPR3 Datasheet HTML 5Page - ON Semiconductor CS5205-1GDPR3 Datasheet HTML 6Page - ON Semiconductor CS5205-1GDPR3 Datasheet HTML 7Page - ON Semiconductor CS5205-1GDPR3 Datasheet HTML 8Page - ON Semiconductor CS5205-1GDPR3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CS5205−1, CS5205−3, CS5205−5
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued) (CIN = 10 mF, COUT = 22 mF Tantalum, VIN − VOUT = 3.0 V, VIN ≤ 15 V,
0°C ≤ TA ≤ 70°C, TJ ≤ +150°C, unless otherwise specified, Ifull load = 5.0 A.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Adjustable Output Voltage (CS5205−1) (continued)
Ripple Rejection
f = 120 Hz; CAdj = 25 mF; IOUT = 5.0 A
−
82
−
dB
Temperature Stability
−
−
0.5
−
%
RMS Output Noise
10 Hz ≤ f ≤ 10 kHz; TA = 25°C
−
0.003
−
%VOUT
Thermal Shutdown
−
150
180
−
°C
Thermal Shutdown Hysteresis
−
−
25
−
°C
ELECTRICAL CHARACTERISTICS (CIN = 10 mF, COUT = 22 mF Tantalum, VIN − VOUT = 3.0 V, VIN ≤ 10 V,
0°C ≤ TA ≤ 70°C, TJ ≤ +150°C, unless otherwise specified, Ifull load = 5.0 A.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Fixed Output Voltage (CS5205−3, CS5205−5)
Reference Voltage (Notes 6 and 7)
CS5205−5
CS5205−3
VIN − VOUT = 1.5 V; 0 ≤ IOUT ≤ 5.0 A
VIN − VOUT = 1.5 V; 0 ≤ IOUT ≤ 5.0 A
4.9 (−2%)
3.234 (−2%)
5.0
3.3
5.1 (+2%)
3.366 (+2%)
V
V
Line Regulation
1.5 V ≤ VIN − VOUT ≤ 6.0 V; IOUT = 10 mA
−
0.04
0.20
%
Load Regulation (Notes 6 and 7)
VIN − VOUT = 1.5 V; 10 mA ≤ IOUT ≤ 5.0 A
−
0.08
0.40
%
Dropout Voltage (Note 8)
IOUT = 5.0 A
−
1.2
1.3
V
Current Limit
VIN − VOUT = 3.0 V; TJ ≥ 25°C
VIN − VOUT = 9.0 V
5.5
−
8.5
1.0
−
−
A
A
Quiescent Current
VIN ≤ 9.0 V; IOUT = 10 mA
−
5.0
10
mA
Thermal Regulation
30 ms pulse; TA = 25°C
−
0.003
−
%W
Ripple Rejection
f = 120 Hz; IOUT = 5.0 A
−
75
−
dB
Temperature Stability
−
−
0.5
−
%
RMS Output Noise (%VOUT)
10 Hz ≤ f ≤ 10 kHz
−
0.003
−
%VOUT
Thermal Shutdown
−
150
180
−
°C
Thermal Shutdown Hysteresis
−
−
25
−
°C
6. Load regulation and output voltage are measured at a constant junction temperature by low duty cycle pulse testing. Changes in output
voltage due to thermal gradients or temperature changes must be taken into account separately.
7. Specifications apply for an external Kelvin sense connection at a point on the output pin 1/4” from the bottom of the package.
8. Dropout voltage is a measurement of the minimum input/output differential at full load.
PACKAGE PIN DESCRIPTION
Package Pin Number
Pin Symbol
Function
CS5205−1
CS5205−3, −5
D2PAK−3
TO−220−3
D2PAK−3
TO−220−3
1
1
N/A
N/A
Adj
Adjust pin (low side of the internal reference).
2
2
2
2
VOUT
Regulated output voltage (case).
3
3
3
3
VIN
Input voltage.
N/A
N/A
1
1
GND
Ground connection.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com