Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4021 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4021
Description  UHF Sexless Connector Accessories UHF Sexless Connector Accessories
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4021 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4021 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4021 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
UHF Sexless Connector Accessories Attachment For RG59, RG62, RG71
Configuration
Connector
UHF Sexless
Connector Interface Type
RG59,RG62,RG71
Cable Attachment Method (Shield/Contact)
Accessories
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.985 [25.02]
Width/Dia., in [mm]
0.433 [11.00]
.
Weight, lbs [g]
0.027 [12.25]
Connector
Type
UHF Sexless
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
UHF Sexless Connector Accessories Attachment For RG59, RG62, RG71 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: UHF Sexless Connector Accessories Attachment For RG59, RG62, RG71 PE4021
URL: http://www.pasternack.com/uhf-sexless-standard-rg59-connector-pe4021-p.aspx
PE4021
PE4021 REV 01
UHF Sexless Connector Accessories
Attachment For RG59, RG62, RG71


Similar Part No. - PE4021

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4020 PASTERNACK-PE4020 Datasheet
285Kb / 2P
UHF Male Connector Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4020 PASTERNACK-PE4020 Datasheet
392Kb / 3P
UHF Male Connector Solder Attachment
PE4020 PASTERNACK-PE4020_16 Datasheet
392Kb / 3P
UHF Male Connector Solder Attachment
PE4022 PASTERNACK-PE4022 Datasheet
802Kb / 2P
UHF Sexless Connector Accessories Attachment For RG58
PE4023 PASTERNACK-PE4023 Datasheet
498Kb / 3P
BNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results

Similar Description - PE4021

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9222 PASTERNACK-PE9222 Datasheet
241Kb / 2P
GR874 Sexless to BNC Female Adapter
PE9257 PASTERNACK-PE9257 Datasheet
242Kb / 2P
N Male to GR874 Sexless Adapter
PE9260 PASTERNACK-PE9260 Datasheet
244Kb / 2P
SMA Female to GR874 Sexless Adapter
PE9386 PASTERNACK-PE9386 Datasheet
249Kb / 3P
HN Male to GR874 Sexless Adapter
PE9387 PASTERNACK-PE9387 Datasheet
250Kb / 3P
HN Female to GR874 Sexless Adapter
PE4022 PASTERNACK-PE4022 Datasheet
802Kb / 2P
UHF Sexless Connector Accessories Attachment For RG58
PE9259 PASTERNACK-PE9259 Datasheet
231Kb / 2P
SMA Male to GR874 Sexless Adapter
logo
Adam Technologies, Inc.
RF6-18-D-00-50-HDW ADAM-TECH-RF6-18-D-00-50-HDW Datasheet
87Kb / 1P
UHF CONNECTOR
logo
Pasternack Enterprises,...
PE4348 PASTERNACK-PE4348 Datasheet
203Kb / 2P
GR874 Sexless Connector Accessories Attachment Accessories
PE4348 PASTERNACK-PE4348_16 Datasheet
318Kb / 3P
Connector Accessories
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com