Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC1500 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # GC1500
Description  30 VOLT ABRUPT JUNCTION VARACTOR DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC1500 Datasheet(HTML) 2 Page - Microsemi Corporation

  GC1500 Datasheet HTML 1Page - Microsemi Corporation GC1500 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
30 VOLT ABRUPT JUNCTION VARACTOR DIODES
ELECTRICAL SPECIFICATIONS: TA =25°C
MODEL NUMBER1
TOTAL CAPACITANCE2
(AT-4V, 1 MHz)
Ct-4 (pF)
QUALITY FACTOR3
(AT-4V, 50 MHz)
Q-4 (MIN)
CAPACITANCE RATIO2
CT0/CT30 (MIN)
GC1500A4
0.4
5000
4.2
GC1500B
0.6
4000
3.0
GC1500
0.8
3900
3.3
GC1501
1.0
3800
3.4
GC1502
1.2
3800
3.4
GC1503
1.5
3600
3.5
GC1504
1.8
3500
3.5
GC1505
2.2
3500
3.7
GC1506
2.7
3300
3.7
GC1507
3.3
3100
3.8
GC1508
3.9
2700
3.9
GC1509
4.7
2600
3.9
GC1510
5.6
2600
4.0
GC1511
6.8
2400
4.0
GC1512
8.2
2200
4.0
GC1513
10.0
2200
4.2
NOTES:
1. When ordering, specify the desired case style by adding its number as a suffix to the model number.
Some limitations apply - consult factory for details.
2. These values include a package capacitance of .18 P..
3. Q is calculated from: Q=
1
2πfR C
5 j
where f=50 MHz and
RI = Series resistance measured a 1 GHz using transmission loss techniques. Capacitance is measured at 1 MHz.
4. GC1500A only available in Die Form.
SEMICONDUCTOR OPERATION
75 Technology Drive • Lowell, MA 01851 • Tel: 978-442-5600 • Fax: 978-937-3748
16
Tuning Varactors
TOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com