Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5732FA Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # CF5732FA
Description  Analog clock CMOS IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5732FA Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  CF5732FA Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5732FA Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5732FA Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5732FA Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5732FA Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5732FA Datasheet HTML 6Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NIPPON PRECISION CIRCUITS-2
CF5732 Series
PINOUT
(0, 0)
1
2
3
4
5
6
78
9
11
X
Y
10
12
13
14
Name
VDD
VSS
TC
AI
AO
AO
OUT2
OUT1
XT
XT
C1
C2
C3
C4
Description
Power supply pin
Ground
Test pin
Alarm Input
Alarm signal Output
Alarm signal Inverting Output
Motor drive output 2
Motor drive output 1
Crystal oscillator connection
Crystal oscillator connection
Supplementary internal capacitor connection 1
Supplementary internal capacitor connection 2
Supplementary internal capacitor connection 3
Supplementary internal capacitor connection 4
Chip size:
1.49
×1.40mm
Chip thickness:
300
±30µm
Pad size:
100
×100µm
Reverse side of chip is VDD.
No
Name
X
Y
No
Name
X
Y
1
VDD
1023
1248
8
OUT1
340
151
2
VSS
817
1248
9
XT
567
151
3
TC
553
1248
10
XT
1101
151
4
AI
214
1248
11
C1
1305
382
5
AO
151
943
12
C2
1305
682
6
AO
151
429
13
C3
1305
880
7
OUT2
151
151
14
C4
1305
1105
(Unit:
µm)
PIN DESCRIPTION
BLOCK DIAGRAM
4 Stage
Divider
13 Stage
Divider
Alarm
Input
Alarm Output
Control
Mortor Output
Control
VDD
VSS
AO
AO
OUT1 OUT2
TC
AI
Alarm
Test
XT
CG
CD
XT
C1
C2
C3
C4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com