Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM385 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LM385
Description  1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LM385 Datasheet(HTML) 6 Page - Microsemi Corporation

  LM385 Datasheet HTML 1Page - Microsemi Corporation LM385 Datasheet HTML 2Page - Microsemi Corporation LM385 Datasheet HTML 3Page - Microsemi Corporation LM385 Datasheet HTML 4Page - Microsemi Corporation LM385 Datasheet HTML 5Page - Microsemi Corporation LM385 Datasheet HTML 6Page - Microsemi Corporation LM385 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
1.2 & 2.5V MICROPOWER VOLTAGE R EFERENCE
LM385/385B
PRODUCT DA T ABOOK 1996/1997
Copyright © 1996
Rev. 1.2
7/96
6
P RODUCTION D ATA S HEET
CHARACTERISTIC CUR VES — LM385/385B-2.5V
FIGURE 9. — REVERSE CHARACTERISTICS
FIGURE 10. — FORWARD CHARACTERISTICS
FIGURE 11. — TEMPERATURE DRIFT
FIGURE 8. — RESPONSE TIME
Reverse Voltage - (V)
0.1
0
1.0
2.0
3.0
4.0
5.0
1
10
100
T
A = 25°C
Forward Current - (mA)
0
0.001
0.01
0.1
1
10
100
0.2
0.6
1.0
T
A = 25°C
0.4
0.8
Temperature - (°C)
2.48
-40
0
20
40
80
100
2.49
2.505
2.52
2.495
2.515
20
60
2.485
2.5
2.51
Time - (100µs/Div.)
0
5
0
2.0V
4.0V
T
A = 25°C
V
IN
V
OUT
24K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com