Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSM5320 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PSM5320
Description  RF and Microwave Power Sensors/Meters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PSM5320 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PSM5320 Datasheet HTML 3Page - List of Unclassifed Manufacturers PSM5320 Datasheet HTML 4Page - List of Unclassifed Manufacturers PSM5320 Datasheet HTML 5Page - List of Unclassifed Manufacturers PSM5320 Datasheet HTML 6Page - List of Unclassifed Manufacturers PSM5320 Datasheet HTML 7Page - List of Unclassifed Manufacturers PSM5320 Datasheet HTML 8Page - List of Unclassifed Manufacturers PSM5320 Datasheet HTML 9Page - List of Unclassifed Manufacturers PSM5320 Datasheet HTML 10Page - List of Unclassifed Manufacturers PSM5320 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RF and Microwave Power Sensors/Meters — Tektronix PSM3000, PSM4000, and PSM5000 Series
Characteristic
PSM5110
PSM5120
PSM5320
PSM5410
Noise Uncertainty (N)
1 second integration
+10dBm to +20dBm:
0.15% (100 MHz to 8 GHz)
–30dBm to +10dBm:
0.04% (100 MHz to 8 GHz)
–50 dBm to –30 dBm:
0.04% (100 MHz to 6 GHz)
0.15% (6 GHz to 8 GHz)
–60 dBm to –50 dBm:
0.15% (100 MHz to 6 GHz)
5 second integration
+10 dBm to +20 dBm: 1.5% (50 MHz to 20 GHz)
–20dBm to +10 dBm: 1.0%(50 MHzto20GHz)
–30 dBm to –20 dBm: 1.5% (50 MHz to 20 GHz)
–40 dBm to –30 dBm: 7.0% (50 MHz to 18.6 GHz)
Zero Offset Power*2 (Z)
[(0.35 nW at 25 °C) + |ΔT| × (0.025 nW / °C)] + 0.005 nW / month
50 MHz to 500 MHz
[(200 nW at 25 °C) + |ΔT| × (10 nW / °C)] + 10 nW / month
500 MHz to 20 GHz
[(100nWat25°C) +|ΔT| × (5 nW / °C)] + 5 nW / month
Match*3
100 MHz to 250 MHz:
1.18:1 VSWR
(21.7 dB Return Loss)
250 MHz to 8GHz: 1.09:1 VSWR
(23 dB Return Loss)
100 MHz to 250 MHz:
1.18:1 VSWR
(21.7 dB Return Loss)
250 MHz to 8GHz: 1.15:1VSWR
(27 dB Return Loss)
50 MHzto10GHz: 1.20:1VSWR
(21 dB Return Loss)
10 GHz to 18.6 GHz:
1.29:1 VSWR
(18 dB Return Loss)
50 MHz to 10 GHz: 1.20:1 VSWR
(21dBReturnLoss)
10 GHz to 20 GHz: 1.29:1 VSWR
(18 dB Return Loss)
Temperature Uncertainty (T)
40 °C < T ≤ 50 °C: 1.00% (plus 1%, 0 dBm to 10 dBm;
plus 3%, 10 dBm to 20 dBm)
30 °C < T ≤ 40 °C: 0.75% (plus 1%, 0 dBm to 10 dBm;
plus 3%, 10 dBm to 20 dBm)
20 °C < T ≤ 30 °C: 0.00%
10 °C < T ≤ 20 °C: 0.75% (plus 1%, 0 dBm to 10 dBm;
plus 3%, 10 dBm to 20 dBm)
0°C<T ≤ 10 °C: 1.00% (plus 1%, 0 dBm to 10 dBm;
plus 3%, 10 dBm to 20 dBm)
40 °C < T ≤ 50 °C: 6.00%
30 °C < T ≤ 40 °C: 3.00%
20 °C < T ≤ 30 °C: 0.00%
10 °C < T ≤ 20 °C: 3.00%
0°C < T ≤ 10 °C: 6.00%
*1 Total uncertainty includes contributions from Calibration Factor Uncertainty (CF), Linearity Uncertainty (L), Noise Uncertainty (N), Zero Offset Uncertainty (Z), Mismatch Uncertainty, and Temperature Uncertainty (T). All
error terms must be converted to percentages for Total Uncertainty (RSS) calculation. Mismatch Uncertainty (Mm) requires knowledge of source match and should be expressed as a percentage using the equation
Mm = 100 × [(1 ± Γsource × Γsensor)2 –1].
*2 Use the following formula to determine Zero Offset Uncertainty as a percentage: Z = (Zero Offset Power / Nominal Power) × 100.
*3 Nominal impedance = 50 Ω.
*4 Equivalent-time Sampling requires repetitive pulses for accurate results.
General Specifications
Characteristic
Description
Maximum Average
Power
+20 dBm (100 mW)
Damage Level: +23 dBm (200 mW)
Maximum Pulse
Power
+20 dBm (100 mW)
Damage Level: +23 dBm (200 mW)
Measurement Rate 2000/s (100 settled measurements per second typical)
Trigger In / Trigger
Out
TTL compatible
Damage Level: 5.5 V max, –0.5 V min
Rate: 1 Hz to 750 kHz, typical
USB Interface
USB Version: 2.0 Full speed (11 Mb/s)
System Requirements for Meter and High Speed Logger
Software
Characteristic
Description
Typical Host
Specifications
-2GB RAM
- USB 2.0 Port
Operating System
- Windows XP Professional, Service Pack 1
- Windows 2000
- Windows NT Service Pack 6a
- Windows 7
Environmental
Characteristic
Description
Temperature
Operating
0 °C to +55 °C
Nonoperating
–25 °C to +85 °C
Humidity
Operating
15% to 95% RH (Relative Humidity) at up to +30 °C
15% to 45% RH above +30 °C up to +55 °C; noncondensing
Nonoperating
15% to 95% RH at up to +30 °C
15% to 45% RH above +30 °C up to +85 °C; noncondensing
Altitude
Operating
3,000 m (10,000 ft.)
Nonoperating
15,000 m (50,000 ft.)
Electromagnetic
Compatibility
EMC Directive 2004/108/EC, EN 61326-2-1: 2006, CE
www.tektronix.com 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com