Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD7030-181-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SD7030-181-R
Description  Low-Profile Shielded Drum Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SD7030-181-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SD7030-181-R Datasheet HTML 1Page - List of Unclassifed Manufacturers SD7030-181-R Datasheet HTML 2Page - List of Unclassifed Manufacturers SD7030-181-R Datasheet HTML 3Page - List of Unclassifed Manufacturers SD7030-181-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dimensions - mm
Top View
Bottom View
Front View
Recommended Pad Layout
Schematic
Left View
1MHz
500kHz
300kHz
100kHz
200kHz
Part Marking: Coiltronics Logo
xxx = inductance value in
μH. R = decimal point. If no “R” is present, third character = # of zeros. wwlly or wwllyy = date code. R = revision level
Supplied in tape-and-reel packaging, 1500 parts per reel, 13” diameter reel.
Packaging Information - mm
Core Loss
1011
BU-SB111167
Page 2 of 4
Data Sheet: 4330



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com