Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD7030-331-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SD7030-331-R
Description  Low-Profile Shielded Drum Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SD7030-331-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SD7030-331-R Datasheet HTML 1Page - List of Unclassifed Manufacturers SD7030-331-R Datasheet HTML 2Page - List of Unclassifed Manufacturers SD7030-331-R Datasheet HTML 3Page - List of Unclassifed Manufacturers SD7030-331-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Applications
• Notebook computers
• Wireless handsets
• TFT LCD Bias supplies
• GPS Receivers
• Handheld instruments
• ADSL/DSL/Cable modems
• Battery power, Li-lon, 2-cell
• Digital still camera
• White LED driver
• Buck and boost inductor
Environmental Data
• Storage temperature range: -40°C to +125°C
• Operating temperature range: -40°C to +125°C
(ambient plus self-temperature rise)
• Solder reflow temperature: J-STD-020D compliant
Packaging
• Supplied in tape and reel packaging, 1500 parts per 13” diameter. reel
Low-Profile Shielded Drum Inductors
SD7030 Series
1011
BU-SB111167
Page 1 of 4
Data Sheet: 4330
SMD Device
1 Open Circuit Inductance Test Parameters: 100kHz, 0.1V, 0.0Adc.
2Irms: DC current for an approximate ΔT of 40°C without core loss. Derating is necessary for AC
currents. PCB layout, trace thickness and width, air-flow, and proximity of other heat generating
components will affect the temperature rise. It is recommended that the temperature of the part not
exceed 125°C under worst case operating conditions verified in the end application.
3Isat Amps peak for approximately 35% rolloff (@25°C)
4 K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K*L*ΔI, Bp-p(mT), K: (K factor from
table), L: (Inductance in
μH), ΔI (Peak-to-peak ripple current in Amps).
5 Part Number Definition: SD7030-xxx-R
SD7030 = Product code and size; -xxx = Inductance value in
μH;
R = decimal point; If no R is present, third character = # of zeros.
-R suffix = RoHS compliant
Product Specifications
Part Number5
OCL1
μH ± 30%
Irms2 Amps
Isat3 Amps
Typ. DCR m
Ω @ 25°C
Max DCR m
Ω @ 25°C
K-factor 4
SD7030-1R5-R
1.5
5.5
4.5
10
12
32
SD7030-3R3-R
3.3
3.7
3.00
20
24
22
SD7030-3R9-R
4.1
3.4
2.60
22
27
19
SD7030-5R0-R
4.9
3.2
2.40
26
31
17
SD7030-6R0-R
5.8
2.8
2.25
29
35
16
SD7030-7R3-R
7.0
2.3
2.10
45
54
13
SD7030-8R0-R
7.8
2.2
1.85
48
58
12
SD7030-100-R
10.0
2.1
1.70
54
65
11
SD7030-120-R
11.5
1.9
1.55
58
70
10
SD7030-150-R
14.6
1.7
1.40
70
84
9.3
SD7030-180-R
17.3
1.7
1.32
79
95
8.8
SD7030-220-R
21.0
1.4
1.20
107
128
7.6
SD7030-260-R
24.9
1.3
1.05
118
142
6.9
SD7030-300-R
30.0
1.2
0.97
138
165
6.4
SD7030-390-R
39.7
1.1
0.86
175
210
5.7
SD7030-440-R
43.4
1.1
0.80
198
238
5.3
SD7030-560-R
54.4
0.99
0.73
231
277
4.9
SD7030-680-R
66.6
0.85
0.65
253
304
4.3
SD7030-820-R
81.4
0.82
0.60
325
390
4.0
SD7030-101-R
95.5
0.70
0.54
446
535
3.6
SD7030-121-R
115.2
0.67
0.50
629
755
3.3
SD7030-151-R
145
0.57
0.44
715
858
2.9
SD7030-181-R
174
0.54
0.40
805
966
2.7
SD7030-221-R
211
0.51
0.36
1102
1322
2.4
SD7030-271-R
264
0.44
0.33
1259
1475
2.2
SD7030-331-R
317
0.38
0.30
1438
1725
2.0
SD7030-391-R
381
0.36
0.27
1857
2228
1.8
SD7030-471-R
460
0.34
0.25
2150
2581
1.7
SD7030-561-R
561.0
0.29
0.23
2857
3428
1.5
SD7030-681-R
677.2
0.28
0.21
3206
3847
1.4
Description
• 125°C maximum total operating temperature
• Low profile 7.0 x 7.0 x 3.0mm maximum surface mount package
• Ferrite material shielded drum core
• Inductance range from 1.5µH to 680µH
• Current range from 0.21 to 5.5 Amps
• Frequency range up to 1MHz
Pb
HALOGEN
HF
FREE


Similar Part No. - SD7030-331-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
SD7030-331-R EATON-SD7030-331-R Datasheet
614Kb / 4P
Low profile shielded drum core power inductors
More results

Similar Description - SD7030-331-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM55 ETC1-HM55 Datasheet
450Kb / 3P
Shielded Drum Compact Package Low Cost Inductors
logo
Tyco Electronics
DS1137 MACOM-DS1137 Datasheet
54Kb / 3P
Shielded Drum Core Inductors
logo
Bi technologies
HM55 BITECH-HM55 Datasheet
683Kb / 3P
Shielded Drum Compact Package Low Cost Inductors
logo
TT Electronics.
HM79S TTELEC-HM79S Datasheet
648Kb / 3P
Shielded Drum Surface Mount Inductors
logo
Eaton All Rights Reserv...
SD3112 EATON-SD3112 Datasheet
868Kb / 4P
Low profile metalized shielded drum core power inductors
SD10-R47-R EATON-SD10-R47-R Datasheet
746Kb / 9P
Low profile metalized shielded drum core power inductors
SD6030 EATON-SD6030 Datasheet
595Kb / 4P
Low profile shielded drum core power inductors
SD7030 EATON-SD7030 Datasheet
614Kb / 4P
Low profile shielded drum core power inductors
SD8350 EATON-SD8350 Datasheet
594Kb / 4P
Low profile shielded drum core power inductors
logo
HALO Electronics, Inc.
HDC140-100MTR HALO-HDC140-100MTR Datasheet
843Kb / 6P
Low Profile SMD Drum Core Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com