Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM385B Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LM385B
Description  1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LM385B Datasheet(HTML) 5 Page - Microsemi Corporation

  LM385B Datasheet HTML 1Page - Microsemi Corporation LM385B Datasheet HTML 2Page - Microsemi Corporation LM385B Datasheet HTML 3Page - Microsemi Corporation LM385B Datasheet HTML 4Page - Microsemi Corporation LM385B Datasheet HTML 5Page - Microsemi Corporation LM385B Datasheet HTML 6Page - Microsemi Corporation LM385B Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1.2 & 2.5V M ICROPOWER VOLTAGE REFERENCE
LM385/385B
PRODUCT DA T ABOOK 1996/1997
5
Copyright © 1996
Rev. 1.2
7/96
P RODUCTION D AT A S HEET
CHARACTERISTIC CUR VES — LM385/385B-1.2V
FIGURE 6. — REVERSE DYNAMIC IMPEDANCE
FIGURE 7. — NOISE VOLTAGE
FIGURE 5. — REVERSE VOLTAGE CHANGE
0.1
(f) Frequency - (Hz)
1
10
100
1k
10k
100k
10
1000
T
A = 25°C
I
R = 100µA
100
100
(f) Frequency - (Hz)
300
10
100
1k
10k
100k
600
700
400
500
I
R = 100µA
T
A = 25°C
200
800
Reverse Current - (mA)
-4
0.01
0.1
1
10
100
0
6
12
2
10
-2
4
8
14
16
T
A = 0 to 70°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com