Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5705CF Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # CF5705CF
Description  Analog Watch Stepping Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5705CF Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  CF5705CF Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5705CF Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5705CF Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5705CF Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5705CF Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5705CF Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5705CF Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CF5705 series
NIPPON PRECISION CIRCUITS—5
FUNCTIONAL DESCRIPTION
Motor Output Waveform
The motor output waveform cycle time and output pulsewidth are set by mask option.
Reset Function
Reset operation
A reset operation occurs when RESET is held HIGH
(VDD) for a period of 93.75 ms or greater, otherwise
the reset is ignored. When the reset pulse is valid, the
4 Hz and subsequent frequency dividers are reset.
Reset Release
When the reset is released, the first output pulse
occurs on the output pin opposite the output pin
where the preceding motor drive output pulse
occurred; first pulse occurs on OUT1 if previous
motor drive pulse occurred on OUT2, and vice versa.
A delay of TCY/2 − 0.125 to TCY/2 takes place from
when reset is released until the first output pulse
occurs.
OUT1
OUT2
TPW
TCY/2
VDD
VSS
TPW
TCY/2
VDD
VSS
T < TON
T > TON
VDD
VSS
RESET
(open)
OUT1
TPW
VDD
VSS
OUT2
TCY/2
TCY/2
VDD
VSS
TD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com