Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1670CD Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX1670CD
Description  5 - BIT PROGRAMMABLE VOTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1670CD Datasheet(HTML) 6 Page - Microsemi Corporation

  LX1670CD Datasheet HTML 1Page - Microsemi Corporation LX1670CD Datasheet HTML 2Page - Microsemi Corporation LX1670CD Datasheet HTML 3Page - Microsemi Corporation LX1670CD Datasheet HTML 4Page - Microsemi Corporation LX1670CD Datasheet HTML 5Page - Microsemi Corporation LX1670CD Datasheet HTML 6Page - Microsemi Corporation LX1670CD Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
5-B IT P ROGRAMMABLE V O L TAGE R EFERENCE
LX1670
PRODUCT DA T ABOOK 1996/1997
Copyright © 1997
Rev. 1.0
7/97
6
P RODUCTION D ATA S HEET
THEOR Y OF OPERA TION
UNDER-VOLTAGE LOCKOUT
This function keeps order to the IC until the power supply voltage
reaches 85% of its nominal value. The output voltage is pulled low
and P
GOOD and OVOUT are pulled low.
Once the power supply
voltage crosses 85%, the output voltage, VIDO, is released, and
P
GOOD
continues to be pulled low.
When V
SENSE
(the
microprocessor's power supply) is within ±7% of VIDO, P
GOOD is
released.
The comparator has hysteresis to prevent transient
oscillation.
4-BIT DAC and 5th-BIT SCALER
This function generates a precise voltage from a binary, 5-bit
digital word VID [0:4]. It uses a 4-bit, binary weighted current
DAC, driving a precise current to voltage converter. This voltage
is then op-amp buffered and sent out. The scaling is accomplished
by multiplexing the buffer op-amp. The resulting transfer function
is:
VIDO (D0,D1,D2,D3) =
(2.00 + 0.1 * (1*D0 + 2*D1 + 4*D2 + 8*D3))
for D4 = 1
VIDO (D0,D1,D2,D3) =
(2.00 + 0.6 + 0.1 * (1*D0 + 2*D1 + 4*D2 + 8*D3)) * 0.5
for D4 = 0
for the code VIDO < 1.8V will be blocked and VIDO = 0.
The zero-scale output voltage, full-scale output voltage and the
scale factor are all trimmed on-chip using fusable links.
OVER- / UNDER-VOLTAGE COMPARATORS
This function generates an open collector Power Good signal
when V
SENSE is within ±7% of VIDO.
OVER-VOLTAGE PROTECTION
This function generates an OV
OUT voltage signal when VSENSE is 15%
higher than VIDO. This voltage can be used to drive an external
SCR.
CHIP ENABLE
This function disables the chip when low. VIDO, P
GOOD and OVOUT
are all pulled low. When ENABLE is high, the chip's state is then
determined by the other functions.
BLANK ENABLE
This function will disable VIDO for codes with voltages below
1.80V when this pin is high. When pulled low, this function will
allow VIDO to accept codes for voltages of 1.30 to 3.50V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com