Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE91010 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91010
Description  Precision SMA Male to 2.92mm Male Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91010 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91010 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91010 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91010 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision SMA Male to 2.92mm Male Adapter
Configuration
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348
Connector 2
2.92mm Male
Impedance 2
50 Ohms
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 26.5
Maximum VSWR
1.2:1
Maximum Insertion Loss, dB
0.25
Dielectric Withstanding Voltage, Vrms
750
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +150
Size
Length, in [mm]
0.79 [20.07]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
50µ in. minimum, ASTM-B488
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
SAE-AMS-2700
Hex Size, in.
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2700
Dielectric Type
PTFE
Connector 2
Type
2.92mm Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
50µ in. minimum, ASTM-B488
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
SAE-AMS-2700
Hex Size, in.
5/16
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision SMA Male to 2.92mm Male Adapter PE91010
PE91010
PE91010 REV
Precision SMA Male to 2.92mm Male Adapter


Similar Part No. - PE91010

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9101 PASTERNACK-PE9101 Datasheet
254Kb / 3P
N Tee Adapter Female-Female-Female
PE91011 PASTERNACK-PE91011 Datasheet
246Kb / 3P
Precision SMA Female to 2.92mm Female Adapter
PE910139 PASTERNACK-PE910139 Datasheet
287Kb / 3P
N Female to BNC Male Right Angle Adapter
A
More results

Similar Description - PE91010

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9436 PASTERNACK-PE9436 Datasheet
247Kb / 3P
Precision 2.92mm Male to 2.92mm Male Adapter
PE9437 PASTERNACK-PE9437 Datasheet
239Kb / 3P
Precision 2.92mm Male to 2.92mm Female Adapter
PE9457 PASTERNACK-PE9457 Datasheet
247Kb / 3P
Precision 2.92mm Male to 2.4mm Male Adapter
PE9505 PASTERNACK-PE9505 Datasheet
245Kb / 3P
Precision SMA Male to SMA Male Adapter
PE9645 PASTERNACK-PE9645 Datasheet
255Kb / 3P
Precision 2.92mm Male to 2.92mm Male Right Angle Adapter
PE9657 PASTERNACK-PE9657 Datasheet
237Kb / 2P
Precision 3.5mm Male to 2.92mm Male Adapter
PE9661 PASTERNACK-PE9661 Datasheet
251Kb / 2P
Precision 2.92mm Male to N Male Adapter
PE9767 PASTERNACK-PE9767 Datasheet
255Kb / 3P
Precision 2.92mm Male to SSMA Male Adapter
PE91008 PASTERNACK-PE91008 Datasheet
247Kb / 3P
Precision SMA Male to 2.92mm Female Adapter
PE91009 PASTERNACK-PE91009 Datasheet
245Kb / 3P
Precision SMA Female to 2.92mm Male Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com