Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1664CD Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX1664CD
Description  DUAL OUTPUT PWM CONTROLLERS WITH 5-BIT DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1664CD Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button LX1664CD Datasheet HTML 2Page - Microsemi Corporation LX1664CD Datasheet HTML 3Page - Microsemi Corporation LX1664CD Datasheet HTML 4Page - Microsemi Corporation LX1664CD Datasheet HTML 5Page - Microsemi Corporation LX1664CD Datasheet HTML 6Page - Microsemi Corporation LX1664CD Datasheet HTML 7Page - Microsemi Corporation LX1664CD Datasheet HTML 8Page - Microsemi Corporation LX1664CD Datasheet HTML 9Page - Microsemi Corporation LX1664CD Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
DUAL OUTPUT PWM CONTROLLERS WITH 5-BIT DAC
LX1664/64A, LX1665/65A
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.2 11/99
6
P RODUCTION D ATA S HEET
BLOCK DIAGRAM
UVLO
10.6/10.1
V
CC
2V Out
2V REF
Internal
V
CC
Trimmed
V
REG
Error Comp
CS Comp
40mV
100mV
1
2
3
S
PWM Latch
Q
RQ
R DOM
Off-Time
Controller
DAC
13
C
T
V
CC_CORE
INV
SS
DAC OUT
4
5
VID0
VID1
6
VID2
7
VID3
8
VID4
OV Comp
UV Comp
Break
Before
Make
SYNC EN
Comp
10
PWRGD*
12
OV*
14
V
CC
15
BDRV
16
GND
17
TDRV
18
V
C1
LX1665/1665A ONLY
Note: Pin numbers are correct for LX1665/1665A, 18-pin package.
* Not connected on LX1664/1664A.
** 60mV in LX1664A/1665A.
Linear Op Amp
11
L
DRV
9
L
FB
1.5V
0.7V
**
10k
FIGURE 5 — LX1664/1665 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com