Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1711CDB Datasheet(PDF) 12 Page - Microsemi Corporation

Part # LX1711CDB
Description  EVALUATION KIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1711CDB Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button LX1711CDB Datasheet HTML 8Page - Microsemi Corporation LX1711CDB Datasheet HTML 9Page - Microsemi Corporation LX1711CDB Datasheet HTML 10Page - Microsemi Corporation LX1711CDB Datasheet HTML 11Page - Microsemi Corporation LX1711CDB Datasheet HTML 12Page - Microsemi Corporation LX1711CDB Datasheet HTML 13Page - Microsemi Corporation LX1711CDB Datasheet HTML 14Page - Microsemi Corporation LX1711CDB Datasheet HTML 15Page - Microsemi Corporation LX1711CDB Datasheet HTML 16Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LXE1710 EVALUATION BOARD
USER GUIDE
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 12
Copyright
© 2000
Rev. 1.1, 2000-12-01
INDUCTOR SELECTION
The output filter inductors are key elements in the
performance of the Class-D audio power amplifier.
Inductor selection criteria also involves tradeoffs
between performance (efficiency) and component
costs. The critical specifications for the inductor are
the DC resistance, DC current, and peak current
ratings.
The inductors should be able to handle the
amplifier’s power as well as operate within its linear
region.
Saturating the inductors could decrease
performance (increase THD) and even produce a
short, which may damage either the circuit or the
speaker.
Other variables when selecting an inductor depend on
the switching frequency of the designed amplifier. A
higher switching frequency implies that the corner
frequency of the LC filter is higher. With a higher fC,
the inductor value is smaller.
The amplifier’s application and design constraints will
help determine whether the inductors are selected for
size, power, or performance. Various inductors such
as those that are shielded may also have different EMI
effects and distortion performance.
The overall efficiency (
) of the amplifier circuit is given
in the previous MOSFET section.
The inductor’s
power loss contribution is a function of the inductor’s
DC resistance, RIND.
   
)
)(
2
)(
(
Loss
Power
Inductor
2
IND
IND
R
I
P
=
=
The LX1710 Evaluation board utilizes two 15µH radial
leaded R.F. inductors from Inductor Supply, Inc. (ISI).
When evaluating component options, inductors such
as from Coilcraft can be used for other performance /
price tradeoffs. See inductor table below.
W
PIND
7
.
0
)
056
)(.
2
)(
5
.
2
(
2
=
=
The efficiency approximation can now be completed.
%
2
.
90
25
45
.
7
.
56
.
1
25


]
)
(
2
[

2
2
2
2
=
+
+
+
=
+
+
+
=
+
+
+
+
=
=
L
CROSS
IND
DS
L
CROSS
L
IND
PDS
NDS
L
IN
OUT
R
I
P
P
P
R
I
P
R
R
R
R
I
R
I
P
P
The efficiency is a function of the power and switching
loss in the MOSFETs and inductors.
Manufacturer
Part Number
Inductance

Q min
Test
Frequency
DC Resistance

DC Current
max (ARMS)
Self Resonant
Frequency min
(MHz)
ISI
RL622-150K
15.0
50
2.520MHz
56
2.50
12.0
Coilcraft
DO5022P-153HC
15.0
100kHz
32
4.4
20
  Inductor Component Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com