Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX432ISC Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX432ISC
Description  LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX432ISC Datasheet(HTML) 3 Page - Microsemi Corporation

  LX432ISC Datasheet HTML 1Page - Microsemi Corporation LX432ISC Datasheet HTML 2Page - Microsemi Corporation LX432ISC Datasheet HTML 3Page - Microsemi Corporation LX432ISC Datasheet HTML 4Page - Microsemi Corporation LX432ISC Datasheet HTML 5Page - Microsemi Corporation LX432ISC Datasheet HTML 6Page - Microsemi Corporation LX432ISC Datasheet HTML 7Page - Microsemi Corporation LX432ISC Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
LX432
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1999
Rev. 1.0
9/99
P RODUCTION D ATA S HEET
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over the operating ambient temperatures for LX432C with 0°C
≤ T
A ≤ 70°C, and the LX432I
with -40°C
≤ T
A ≤ 85°C.)
Parameter
Symbol
Test Conditions
LX432
Units
Min.
Typ.
Max.
1.228
1.24
1.252
V
312
mV
420
mV
-1
-2.7
mV/V
0.1
0.5
µA
0.05
0.3
µA
0.1
0.4
µA
55
80
µA
0.2
0.4
Ω
0.004
µA
Reference Voltage
V
REF
I
K = 10mA, VKA = VREF, TA = 25°C
Reference Voltage Drift (Note 2)
∆V
REF
I
K = 10mA, VKA = VREF, 0°C ≤ TA ≤ 70°C
I
K = 10mA, VKA = VREF, -40°C ≤ TA ≤ 85°C
Ratio Of V
REF Change In Cathode
∆V
REF
I
K = 10mA, VKA = VREF to 16V, TA = 25°C
Voltage Change (Note 3)
∆V
KA
Reference Terminal Current
I
REF
I
K = 10mA, VKA = VREF, TA = 25°C, R1=10kΩ, R2 = Open
Reference Current Drift (Note 2)
∆I
REF
I
K = 10mA, VKA = VREF, 0°C ≤ TA ≤ 70°C
I
K = 10mA, VKA = VREF, -40°C ≤ TA ≤ 85°C
Minimum Cathode Current For Regulation
I
K (MIN)
V
KA = VREF, TA = 25°C
Dynamic Impedance
Z
KA
I
K = 0.1mA to 15mA, VKA = VREF, TA = 25°C
Off-state Cathode Current
I
OFF
V
KA = 16V, TA = 25°C
Note 2. These parameters are guaranteed by design.
Note 3.
Ratio of change in reference input voltage
to the change in cathode voltage.
∆V
REF
∆V
KA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com