Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5112ACDP Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX5112ACDP
Description  ULT RA 9 - CHANNEL SCSI TERMINATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5112ACDP Datasheet(HTML) 3 Page - Microsemi Corporation

  LX5112ACDP Datasheet HTML 1Page - Microsemi Corporation LX5112ACDP Datasheet HTML 2Page - Microsemi Corporation LX5112ACDP Datasheet HTML 3Page - Microsemi Corporation LX5112ACDP Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UL TRA 9-C HANNEL SCSI T ERMINA T O R
LX5111A/5112A
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1999
Rev. 0.1
3/99
P RELIMINAR Y D AT A S HEET
UltraMAX
2.65
2.82
V
2.1
2.2
V
59
mA
205
225
mA
275
µA
275
µA
-21
-23
-24
mA
-17
-18
mA
10
nA
40
µA
-14
µA
10
nA
10
nA
10
nA
3pF
35
MHz
711
mA
Termination Voltage
V
TERM
High Level Enable Input Voltage
LX5111A
V
IH
LX5112A
Low Level Disable Input Voltage
LX5111A
V
IL
LX5112A
Operating Virtual Junction Temperature Range
LX5111AC/5112AC
RECOMMENDED OPERATING CONDITIONS
(Note 2)
Parameter
Symbol
Units
Recommended Operating Conditions
Min.
Typ.
Max.
3.0
5.5
V
2.5
V
TERM
V
0
0.8
V
0
0.8
V
2.5
V
TERM
V
0
125
°C
Note 2. Range over which the device is functional.
ELECTRICAL CHARACTERISTICS
Term Power = 4.75V unless otherwise specified. Unless otherwise specified, these specifications apply at the recommended operating ambient tempera-
ture of T
A = 25°C. Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient temperature.
Parameter
Symbol
Test Conditions
Units
LX5111A/5112A
Min.
Typ.
Max.
Output High Voltage
V
OUT
Term Power = 4.75V
Term Power = 3.0V
TermPwr Supply Current
I
CC
All data lines = open
All data lines = 0.5V
LX5111A
DISCONNECT Pin < 0.8V
LX5112A
DISCONNECT Pin > 2.0V
Output Current
I
OUT
V
OUT = 0.5V, Term Power = 4.75V
V
OUT = 0.5V, Term Power = 3.0V
DISCONNECT Input Current
LX5111A
I
IN
DISCONNECT Pin = 4.75V
DISCONNECT Pin = 0V
DISCONNECT Input Current
LX5112A
I
IN
DISCONNECT Pin = 0V
DISCONNECT Pin = 4.75V
Output Leakage Current
LX5111A
I
OL
DISCONNECT Pin = < 0.8V, V
O = 0.5V
LX5112A
DISCONNECT Pin = > 2.0V, V
O = 0.5V
Capacitance in DISCONNECT Mode
C
OUT
V
OUT = 0V, frequency = 1MHz
Channel Bandwidth
BW
Termination Sink Current, per Channel
I
SINK
V
OUT = 4V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com