Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5204CDP Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX5204CDP
Description  9-LINE HOT SWAP, 關POWER SCSI TERMINATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5204CDP Datasheet(HTML) 2 Page - Microsemi Corporation

  LX5204CDP Datasheet HTML 1Page - Microsemi Corporation LX5204CDP Datasheet HTML 2Page - Microsemi Corporation LX5204CDP Datasheet HTML 3Page - Microsemi Corporation LX5204CDP Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
9-LINE HOT S WAP, µPOWER SCSI TERMINATOR
LX5204
PRODUCT DA T ABOOK 1996/1997
Copyright © 1996
Rev. 1.1
12/96
2
P RODUCTION D ATA S HEET
ABSOLUTE MAXIMUM RATINGS
(Note 1)
TermPwr Voltage ......................................................................................................... +7V
Signal Line Voltage ............................................................................................ 0V to +7V
Regulator Output Current ........................................................................................... 0.4A
Operating Junction Temperature
Plastic (PWP, DP Packages) ................................................................................. 150°C
Storage Temperature Range ...................................................................... -65°C to 150°C
Lead Temperature (Soldering, 10 seconds) ............................................................. 300°C
Note 1. Exceeding these ratings could cause damage to the device. All voltages are with respect
to Ground. Currents are positive into, negative out of the specified terminal.
PWP PACKAGE:
THERMAL RESISTANCE-JUNCTION TO LEADS,
θθθθθ
JL
27°C/W
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
60°C/W
DP PACKAGE:
THERMAL RESISTANCE-JUNCTION TO LEADS,
θθθθθ
JL
20°C/W
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
45°C/W
Junction Temperature Calculation: T
J = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system.
All of the above assume no ambient airflow.
THERMAL DATA
PACKAGE PIN OUTS
PWP PACKAGE
(Top View)
T6
T5
REG OUT
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
V
TERM
T4
T3
1
24
223
322
421
520
619
718
817
916
10
15
11
14
12
13
T7
T8
T9
N.C.
GND
N.C.
N.C.
N.C.
N.C.
DISCONNECT
T1
T2
T7
T8
T9
N.C.
GND
DISCONNECT
T1
T2
T6
T5
REG OUT
N.C.
N.C.
V
TERM
T4
T3
1
16
215
314
413
512
611
710
89
DP PACKAGE
(Top View)
{
Heatsink
Heatsink
Heatsink
Heatsink
Disconnect
Outputs
Quiescent
Current
L
Enabled
600µA
H
HI Z
60µA
Open
HI Z
60µA
POWER UP / POWER DOWN FUNCTION TABLE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com