Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5705 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF5705
Description  Analog Watch Stepping Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5705 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF5705 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5705 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5705 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5705 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5705 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5705 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5705 Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CF5705 series
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Analog Watch Stepping Motor Driver
OVERVIEW
The CF5705 series is a low-current analog watch stepping motor driver CMOS IC with built-in 32.768 kHz
crystal oscillator circuit.
FEATURES
s
32.768 kHz crystal oscillator circuit
CG and CD built-in
s
−3.6 to −1.2 V operating supply voltage range
s
Operating current consumption
•VSS = –1.55V, CD = 16pF: 250 nA (max)
•VSS = –2.8V, CD = 26pF: 1000 nA (max)
Note: Current consumption depends on the built-in capacitor.
s
Reset function
4 Hz and subsequent frequency dividers are reset
SERIES LINEUP
PART NUMBER GUIDE
ORDERING INFORMATION
V ersion
P ad coordinates
Motor
Built-in
capacitor1
1. Parasitic capacitance is included. Parasitic capacitance: CG = CD = 4pF
12345678
Cyc le
(Tcy/2)
sec
Pulse
(Tpw)
sec
Test
(Tcy)
sec
C G
pF
C D
pF
CF5705AA
X T
X T N
RESET
VSS
TEST
OUT2
OUT1
V D D
1
4.9m
125m
4
1 6
CF5705BC
V S S
RESET
X T
XTN
V D D
OUT2
OUT1
TEST
250m
23.4m
125m
4
2 6
CF5705AD
X T
X T N
RESET
VSS
TEST
OUT2
OUT1
V D D
1
23.4m
125m
4
3 0
CF5705AE
X T
X T N
RESET
VSS
TEST
OUT2
OUT1
V D D
2 0
5.9m
125m
4
1 6
CF5705CF
V S S
TEST
X T N
XT
V D D
OUT2
OUT1
RESET
1
4.9m
62.5m
4
1 6
CF5705CG
V S S
TEST
X T N
XT
V D D
OUT2
OUT1
RESET
1
3.9m
62.5m
4
1 6
D e vice
P a ck ag e
CF5705
××
Chip form
Function(Motor, Built-in capacitor)
CF5705
Pad coordinate


Similar Part No. - CF5705

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5707CG NPC-CF5707CG Datasheet
70Kb / 7P
Analog Watch Stepping Motor Driver
More results

Similar Description - CF5705

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6845FS ROHM-BA6845FS Datasheet
72Kb / 6P
Stepping motor driver
logo
Fairchild Semiconductor
KA3100D FAIRCHILD-KA3100D Datasheet
163Kb / 8P
Stepping Motor Driver
logo
Rohm
BD6775EFV ROHM-BD6775EFV Datasheet
83Kb / 3P
Stepping Motor Driver
logo
Nippon Precision Circui...
CF5707CG NPC-CF5707CG Datasheet
70Kb / 7P
Analog Watch Stepping Motor Driver
logo
Rohm
BA6846FV-E2 ROHM-BA6846FV-E2 Datasheet
90Kb / 6P
Stepping motor driver
logo
ON Semiconductor
LB1945H ONSEMI-LB1945H Datasheet
85Kb / 7P
Stepping Motor Driver
June, 2013
SKT672-040-E ONSEMI-SKT672-040-E Datasheet
203Kb / 19P
Stepping Motor Driver
June, 2013
SKT672-060-E ONSEMI-SKT672-060-E Datasheet
198Kb / 19P
Stepping Motor Driver
June, 2013
SKT672-080-E ONSEMI-SKT672-080-E Datasheet
182Kb / 18P
Stepping Motor Driver
June, 2013
logo
Rohm
BD63621MUV ROHM-BD63621MUV Datasheet
1Mb / 29P
Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com