Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5213 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX5213
Description  9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5213 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX5213 Datasheet HTML 1Page - Microsemi Corporation LX5213 Datasheet HTML 2Page - Microsemi Corporation LX5213 Datasheet HTML 3Page - Microsemi Corporation LX5213 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
9-LINE LOW CAPACITANCE, µPOWER SCSI TERMINATOR
LX5213
PRODUCT DA T ABOOK 1996/1997
Copyright © 1997
Rev. 1.9
7/97
2
P RODUCTION D ATA S HEET
ABSOLUTE MAXIMUM RATINGS
(Note 1)
TermPwr Voltage ................................................................................................. +7V
Signal Line Voltage ................................................................................... 0V to +7V
Regulator Output Current ................................................................................... 0.4A
Operating Junction Temperature
Plastic (N, PWP, DP Packages) .................................................................... 150°C
Storage Temperature Range .............................................................. -65°C to 150°C
Lead Temperature (Soldering, 10 seconds) .................................................... 300°C
Note 1. Exceeding these ratings could cause damage to the device. All voltages are with
respect to Ground. Currents are positive into, negative out of the specified
terminal.
N PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
65°C/W
PWP PACKAGE:
THERMAL RESISTANCE-JUNCTION TO LEADS,
θθθθθ
JL
27°C/W
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
60°C/W
DP PACKAGE:
THERMAL RESISTANCE-JUNCTION TO LEADS,
θθθθθ
JL
20°C/W
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
45°C/W
Junction Temperature Calculation: T
J = TA + (PD x θJA).
The
θ
JA
numbers are guidelines for the thermal performance of the device/pc-board
system. All of the above assume no ambient airflow.
THERMAL DATA
PACKAGE PIN OUTS
N PACKAGE
(Top View)
PWP PACKAGE
(Top View)
T6
T5
REG OUT
N.C.
HEATSINK/GND
HEATSINK/GND
HEATSINK/GND
HEATSINK/GND
N.C.
V
TERM
T4
T3
1
24
223
322
421
520
619
718
817
916
10
15
11
14
12
13
T7
T8
T9
N.C.
GND
HEATSINK/GND
HEATSINK/GND
HEATSINK/GND
HEATSINK/GND
DISCONNECT
T1
T2
T7
T8
T9
N.C.
GND
DISCONNECT
T1
T2
1
16
215
314
413
512
611
710
89
T6
T5
REG OUT
N.C.
N.C.
V
TERM
T4
T3
T7
T8
T9
HEATSINK/GND
GND
DISCONNECT
T1
T2
T6
T5
REG OUT
HEATSINK/GND
HEATSINK/GND
V
TERM
T4
T3
16
215
314
413
512
611
710
89
DP PACKAGE
(Top View)
Disconnect
Outputs
Quiescent
Current
L
Enabled
600µA
H
HI Z
60µA
Open
HI Z
60µA
POWER UP / POWER DOWN FUNCTION TABLE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com