Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5218CDW Datasheet(PDF) 11 Page - Microsemi Corporation

Part # LX5218CDW
Description  9-CHANNEL PLUG AND PLAY SCS I TERMINATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5218CDW Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button LX5218CDW Datasheet HTML 4Page - Microsemi Corporation LX5218CDW Datasheet HTML 5Page - Microsemi Corporation LX5218CDW Datasheet HTML 6Page - Microsemi Corporation LX5218CDW Datasheet HTML 7Page - Microsemi Corporation LX5218CDW Datasheet HTML 8Page - Microsemi Corporation LX5218CDW Datasheet HTML 9Page - Microsemi Corporation LX5218CDW Datasheet HTML 10Page - Microsemi Corporation LX5218CDW Datasheet HTML 11Page - Microsemi Corporation LX5218CDW Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
9-C HANNEL P LUG AND P LAY SCSI T ERMINAT O R
LX5218
PRODUCT DA T ABOOK 1996/1997
11
Copyright © 1997
Rev. 1.7
12/97
P RODUCTION
D ATA
S HEET
UltraMAX
CHARACTERISTIC CUR VES
FIGURE 13. —
OUTPUT HIGH VOLTAGE
vs. TERMINATION VOLTAGE
FIGURE 14. —
OUTPUT CURRENT vs. TERMINATION VOLTAGE
0
(V
TERM)
Termination Voltage - (V)
10
3
3.5
4
4.5
55.5
6
25
20
15
5
1
0
(V
TERM)
Termination Voltage - (V)
2
3
3.5
4
4.5
55.5
6
3
4
3.5
2.5
1.5
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com