Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5219CPW Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX5219CPW
Description  ULTRA 9 - CHANNEL SCSI TERMINATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5219CPW Datasheet(HTML) 2 Page - Microsemi Corporation

  LX5219CPW Datasheet HTML 1Page - Microsemi Corporation LX5219CPW Datasheet HTML 2Page - Microsemi Corporation LX5219CPW Datasheet HTML 3Page - Microsemi Corporation LX5219CPW Datasheet HTML 4Page - Microsemi Corporation LX5219CPW Datasheet HTML 5Page - Microsemi Corporation LX5219CPW Datasheet HTML 6Page - Microsemi Corporation LX5219CPW Datasheet HTML 7Page - Microsemi Corporation LX5219CPW Datasheet HTML 8Page - Microsemi Corporation LX5219CPW Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
UL TRA 9-C HANNEL SCSI T ERMINA T O R
LX5219
PRODUCT DA T ABOOK 1996/1997
Copyright © 1998
Rev. 1.8
3/98
2
P RODUCTION D ATA
S HEET
UltraMAX
ABSOLUTE MAXIMUM RA TINGS
(Note 1)
Continuous Termination Voltage .......................................................................... 10V
Continuous Output Voltage Range .............................................................. 0 to 5.5V
Continuous Disable Voltage Range ............................................................. 0 to 5.5V
Operating Junction Temperature ........................................................... 0°C to 125°C
Storage Temperature Range ............................................................. -65°C to +150°C
Solder Temperature (Soldering, 10 seconds) ................................................... 300°C
Note 1. Exceeding these ratings could cause damage to the device.
P ACKAGE PIN OUTS
THERMAL DATA
DW PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
95°C/W
PW PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
144°C/W
Junction Temperature Calculation: T
J = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system.
All of the above assume no ambient airflow.
TERM POWER
N.C.
DISABLE
D8
D7
D6
D5
GND
TERM POWER
N.C.
D0
D1
D2
D3
D4
GND
1
16
215
314
413
512
611
710
89
DW PACKAGE
(Top View)
20
219
318
417
516
615
714
813
912
10
11
TERM POWER
N.C.
N.C.
D0
D1
D2
D3
D4
N.C.
GND
TERM POWER
DISABLE
N.C.
D8
D7
N.C.
D6
D5
N.C.
GND
PW PACKAGE
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com