Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5226CDWP Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX5226CDWP
Description  ULTRA 1 8 - LINE SCSI TERMINATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5226CDWP Datasheet(HTML) 3 Page - Microsemi Corporation

  LX5226CDWP Datasheet HTML 1Page - Microsemi Corporation LX5226CDWP Datasheet HTML 2Page - Microsemi Corporation LX5226CDWP Datasheet HTML 3Page - Microsemi Corporation LX5226CDWP Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
U L TRA 18-L INE SCSI T ERMINA TOR
LX5226
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1999
Rev. 1.0
5/99
P RODUCTION D AT A S HEET
UltraMAX
BLOCK DIAGRAM
FIGURE 1 — LX5226 BLOCK DIAGRAM
APPLICA TION SCHEMA TIC
FIGURE 2 — 8-BIT SCSI SYSTEM APPLICATION
TERM POWER
MSG
RST
ACK
DB (1)
DB (0)
5V
LX5226
SCSI CABLE
HOST
PERIPHERAL
4.7µF
5V
TERM POWER
MSG
RST
ACK
DB (1)
DB (0)
V
TERM
V
TERM
LX5226
4.7µF
TERM POWER
CURRENT
BIASING
CIRCUIT
1.4V
24mA CURRENT
LIMITING CIRCUIT
DATA OUTPUT
PIN DB(0)
2.85V
1 OF 18 CHANNELS
DISC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com