Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5243CPW Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX5243CPW
Description  MULTIMODE SCSI TERMINATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5243CPW Datasheet(HTML) 2 Page - Microsemi Corporation

  LX5243CPW Datasheet HTML 1Page - Microsemi Corporation LX5243CPW Datasheet HTML 2Page - Microsemi Corporation LX5243CPW Datasheet HTML 3Page - Microsemi Corporation LX5243CPW Datasheet HTML 4Page - Microsemi Corporation LX5243CPW Datasheet HTML 5Page - Microsemi Corporation LX5243CPW Datasheet HTML 6Page - Microsemi Corporation LX5243CPW Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
M U L TIMODE SCSI T ERMIN A TOR
LX5241/5242/5243
PRODUCT D A T ABOOK 1996/1997
Copyright © 2000
Rev. 1.4 11/00
2
P RODUCTION D AT A S HEET
UltraMAX
TermPwr Voltage ................................................................................................. +7V
Operating Junction Temperature
Plastic (DB, PW Packages) .......................................................................... 150°C
Storage Temperature Range .............................................................. -65°C to 150°C
Lead Temperature (Soldering, 10 seconds) .................................................... 300°C
Note 1. Exceeding these ratings could cause damage to the device. All voltages are with
respect to Ground. Currents are positive into, negative out of the specified
terminal.
DB PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
50°C/W
PW PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
100°C/W
Junction Temperature Calculation: T
J = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board
system. All of the above assume no ambient airflow.
THERMAL DATA
ABSOLUTE MAXIMUM RATINGS
(Note 1)
PACKAGE PIN OUTS
DB PACKAGE
(Top View)
LX5241/5242
("N.C." = No Internal Connection)
N.C.
N.C.
N.C.
1+
1-
2+
2-
HEATSINK
HEATSINK
HEATSINK
3+
3-
4+
4-
5+
5-
DISCONNECT
GND
V
TERM
HVD
LVD
SE
9-
9+
8-
8+
HEATSINK
HEATSINK
HEATSINK
7-
7+
6-
6+
DIFF B
DIFFSENSE
MASTER/SLAVE
1
36
2
35
3
34
4
33
5
32
631
7
30
8
29
9
28
10627
11626
12625
13624
14623
15622
1621
17620
18619
LX5241/5243
LX5242
DIFF
Outputs
Quiescent
DISCONNECT
DISCONNECT
SENSE
Status
Type
Current
L
H
L < 0.5V
Enable
S.E.
7mA
L
H
0.7 - 1.9V
Enable
LVD
21mA
L
H
H > 2.4V
Disable
HI Z
1mA
HL
X
Disable
HI Z
10µA
Open
Open
DIFFSENSE / POWER UP / POWER DOWN FUNCTION TABLE
MASTER /
DIFFSENSE
SLAVE
Status
L*
HI Z
0mA
H
1.3V
15mA Source
Open (Pull-up)
1.3V
15mA Source
MASTER / SLAVE FUNCTION TABLE
* When in Low state, terminator will detect state of DIFFSENSE line.
PW PACKAGE (Top View)
LX5241/5242
("N.C." = No Internal Connection)
V
TERM
N.C.
9-
9+
8-
8+
7-
7+
6-
6+
DIFFSENSE
MASTER/SLAVE
1
24
2
23
3
22
4
21
5
20
619
7
18
8
17
9
16
10615
11614
12613
1+
1-
2+
2-
3+
3-
4+
4-
5+
5-
DISCONNECT
GND
PW PACKAGE (Top View)
LX5243
("N.C." = No Internal Connection)
V
TERM
N.C.
9-
9+
8-
8+
N.C.
7-
7+
6-
6+
DIFFB
DIFFSENSE
MASTER/SLAVE
1
28
2
27
3
26
4
25
5
24
623
7
22
8
21
9
20
10619
11618
12617
13616
14615
N.C.
1+
1-
2+
2-
N.C.
3+
3-
4+
4-
5+
5-
DISCONNECT
GND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com