Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX6431BCDM Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX6431BCDM
Description  PRECISION PROGRAMMABLE REFERENCES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX6431BCDM Datasheet(HTML) 5 Page - Microsemi Corporation

  LX6431BCDM Datasheet HTML 1Page - Microsemi Corporation LX6431BCDM Datasheet HTML 2Page - Microsemi Corporation LX6431BCDM Datasheet HTML 3Page - Microsemi Corporation LX6431BCDM Datasheet HTML 4Page - Microsemi Corporation LX6431BCDM Datasheet HTML 5Page - Microsemi Corporation LX6431BCDM Datasheet HTML 6Page - Microsemi Corporation LX6431BCDM Datasheet HTML 7Page - Microsemi Corporation LX6431BCDM Datasheet HTML 8Page - Microsemi Corporation LX6431BCDM Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
P RECISION P ROGRAMMABLE R EFERENCE S
LX6431/LX6431A/LX6431B
PRODUCT DA T ABOOK 1996/1997
5
Copyright © 1999
Rev. 1.4
6/99
P RODUCTION D AT A S HEET
CHARACTERISTIC CUR VES
FIGURE 2. — REFERENCE CURRENT
vs. FREE-AIR TEMPERATURE
FIGURE 3. — CATHODE CURRENT vs. CATHODE VOLTAGE
FIGURE 4. — OFF-STATE CATHODE CURRENT
vs. FREE-AIR TEMPERATURE
FIGURE 1. — REFERENCE VOLTAGE
vs. FREE-AIR TEMPERATURE
0.11
0.1
(T
A)
Ambient Temperature - (°C)
0.15
0.12
-50
-25
0
25
50
75
100
125
0.13
I
K = 10mA
R1 = 10k
W
0.14
2.49
2.48
(T
A)
Ambient Temperature - (°C)
2.52
2.50
-50
-25
0
25
50
75
100
125
2.51
V
REF = VKA
I
K = 10mA
0
-200
(V
KA)
Cathode Voltage - (V)
800
200
-2
-1
0
1
23
4
400
V
KA = VREF
T
A = 25°C
600
0.2
0
(T
A)
Ambient Temperature - (°C)
0.8
0.4
-50
-25
0
25
50
75
100
125
0.6
V
KA = 36V
V
REF = 0
0.1
0.3
0.5
0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com