Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX7001ILP Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX7001ILP
Description  TRANSIENT IMMUNE UNDERVOLTAGE SENSING CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX7001ILP Datasheet(HTML) 2 Page - Microsemi Corporation

  LX7001ILP Datasheet HTML 1Page - Microsemi Corporation LX7001ILP Datasheet HTML 2Page - Microsemi Corporation LX7001ILP Datasheet HTML 3Page - Microsemi Corporation LX7001ILP Datasheet HTML 4Page - Microsemi Corporation LX7001ILP Datasheet HTML 5Page - Microsemi Corporation LX7001ILP Datasheet HTML 6Page - Microsemi Corporation LX7001ILP Datasheet HTML 7Page - Microsemi Corporation LX7001ILP Datasheet HTML 8Page - Microsemi Corporation LX7001ILP Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TRANSIENT IMMUNE UNDERVOLTAGE SENSING CIRCUIT
LX7001
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.2
6/99
2
P RODUCTION
D AT A
S HEET
ABSOLUTE MAXIMUM RA TINGS
(Note 1)
Input Supply Voltage (V
IN) ............................................................................... -1V to 12V
RESET Output Voltage (V
OUT) .......................................................................... -1V to 12V
Output Sink Current (I
OL) ............................................................ Internally Limited (mA)
Clamp Diode Forward Current (I
F), Pin 1 to pin 2 ............................................... 100mA
Operating Junction Temperature
Ceramic (Y - Package) .......................................................................................... 150°C
Plastic (DM, LP - Packages) .................................................................................. 150°C
Storage Temperature Range ...................................................................... -65°C to 150°C
Lead Temperature (Soldering, 10 seconds) ............................................................. 300°C
PACKAGE PIN OUTS
RESET
V
IN
N.C.
GROUND
N.C.
N.C.
N.C.
N.C.
1
8
2
7
3
6
4
5
DM PACKAGE
(Top View)
DM PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
165°C/W
LP PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
156°C/W
Y PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
130°C/W
Junction Temperature Calculation:
T
J = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system.
All of the above assume no ambient airflow
THERMAL DATA
Note 1. Values beyond which damage may occur. All voltages are specified with respect to
ground, and all currents are positive into the specified terminal.
3. GROUND
2. V
IN
1. RESET
LP PACKAGE
(Top View)
Y PACKAGE
(Top View)
RESET
V
IN
N.C.
GROUND
N.C.
N.C.
N.C.
N.C.
18
27
36
45



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com