Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX6431ILP Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX6431ILP
Description  PRECISION PROGRAMMABLE REFERENCES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX6431ILP Datasheet(HTML) 2 Page - Microsemi Corporation

  LX6431ILP Datasheet HTML 1Page - Microsemi Corporation LX6431ILP Datasheet HTML 2Page - Microsemi Corporation LX6431ILP Datasheet HTML 3Page - Microsemi Corporation LX6431ILP Datasheet HTML 4Page - Microsemi Corporation LX6431ILP Datasheet HTML 5Page - Microsemi Corporation LX6431ILP Datasheet HTML 6Page - Microsemi Corporation LX6431ILP Datasheet HTML 7Page - Microsemi Corporation LX6431ILP Datasheet HTML 8Page - Microsemi Corporation LX6431ILP Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
P RECISION P ROGRAMMABLE R EFERENCE S
LX6431/LX6431A/LX6431B
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.4
6/99
2
P RODUCTION D AT A S HEET
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Cathode to Anode Voltage (V
KA) ................................................................... -0.3V to 37V
Reference Input Current (I
REF) .................................................................... -50µA to 10µA
Continuous Cathode Current (I
K) ......................................................... -100mA to 150mA
Operating Junction Temperature
Plastic (DM & LP Packages) ................................................................................. 150°C
Storage Temperature Range ...................................................................... -65°C to 150°C
Lead Temperature ..................................................................................................... 300°C
PACKAGE PIN OUTS
CATHODE
N.C.
ANODE
N.C.
1
8
2
7
3
6
4
5
REF
ANODE
ANODE
N.C.
DM PACKAGE
(Top View)
LP PACKAGE
(Top View)
1. CATHODE
2. ANODE
3. REF
Note 1. Exceeding these ratings could cause damage to the device. All voltages are with respect
to Ground. Currents are positive into, negative out of the specified terminal. Pin
numbers refer to DIL packages only.
DM PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
165°C/W
LP PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
156°C/W
Junction Temperature Calculation:
T
J = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system.
All of the above assume no ambient airflow
THERMAL DATA
BLOCK DIAGRAM
Cathode (K)
Anode (A)
V
REF
Ref (R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com