Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX8586-33 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX8586-33
Description  6A LOW DROPOUT POSITIVE REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8586-33 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX8586-33 Datasheet HTML 1Page - Microsemi Corporation LX8586-33 Datasheet HTML 2Page - Microsemi Corporation LX8586-33 Datasheet HTML 3Page - Microsemi Corporation LX8586-33 Datasheet HTML 4Page - Microsemi Corporation LX8586-33 Datasheet HTML 5Page - Microsemi Corporation LX8586-33 Datasheet HTML 6Page - Microsemi Corporation LX8586-33 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
6A L OW D ROPOUT P OSITIVE R EGULATORS
LX8586-xx/8586A-xx
PRODUCT DA T ABOOK 1996/1997
2
P RODUCTION D ATA S HEET
Copyright © 1996
Rev. 1.0
12/96
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Power Dissipation .................................................................................. Internally Limited
Input Voltage ................................................................................................................ 10V
Input to Output Voltage Differential ........................................................................... 10V
Operating Junction Temperature
Plastic (P Package) ................................................................................................ 150°C
Storage Temperature Range ...................................................................... -65°C to 150°C
Lead Temperature (Soldering, 10 seconds) ............................................................. 300°C
PACKAGE PIN OUTS
P PACKAGE
(Top View)
* Pin 1 is GND for fixed voltage versions.
Note 1. Exceeding these ratings could cause damage to the device. All voltages are with respect
to Ground. Currents are positive into, negative out of the specified terminal.
P PACKAGE:
THERMAL RESISTANCE-JUNCTION TO TAB,
θθθθθ
JT
2.7°C/W
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
60°C/W
V PACKAGE:
THERMAL RESISTANCE-JUNCTION TO TAB,
θθθθθ
JT
1.6°C/W
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
35°C/W
Junction Temperature Calculation: T
J = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system.
All of the above assume no ambient airflow.
THERMAL DATA
V
IN
V
OUT
ADJ / GND*
3
2
1
V
IN
V
OUT
ADJ / GND*
3
2
1
V PACKAGE
(Top View)
* Pin 1 is GND for fixed voltage versions.
TAB IS V
OUT
TAB ON REVERSE SIDE IS V
OUT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com