Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX8941CDD Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX8941CDD
Description  ADJUSTABLE LOW DROPOUT REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8941CDD Datasheet(HTML) 3 Page - Microsemi Corporation

  LX8941CDD Datasheet HTML 1Page - Microsemi Corporation LX8941CDD Datasheet HTML 2Page - Microsemi Corporation LX8941CDD Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A DJUST ABLE L OW D ROPOUT R EGULA TOR
LX8941
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1999
Rev. 0.6
4/99
P RELIMINAR Y
D AT A
S HEET
Input Voltage (Note 2)
V
IN
Load Current (with adequate heatsinking)
Input Capacitor (V
IN to GND)
Output Capacitor with ESR of 10
Ω max., (V
OUT to GND)
RECOMMENDED OPERA TING CONDITIONS
Parameter
Symbol
Units
Recommended Operating Conditions
Min.
Typ.
Max.
3.8
26
V
5
1000
mA
0.1
µF
10
µF
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications apply over the operating ambient temperature of 0°C to +125°C for LX8941CP; V
IN = 10V, IO = 1A, C OUT
= 22µF, and are for DC characteristics only. (Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal
to the ambient temperature.)
Parameter
Symbol
Test Conditions
Units
ADJ Pin Voltage
V
O
I
O = 0A, TA = 25ºC
Line Regulation
∆V
OI
V
O + 2V ≤ V IN ≤ 26V, IO = 5mA
Load Regulation
∆V
OL
50mA
≤ I
O ≤ 1A, VO = VADJ
Dropout Voltage
∆VI
O = 100mA
I
O = 500mA
I
O = 1A
Quiescent Current
I
Q
I
O ≤ 5mA, 7 ≤ VIN ≤ 26V
I
O = 500mA
I
O = 1000mA
Adjust Pin Current
I
ADJ
V
IN = 10V, IO = 1A
Current Limit
I
CL
V
IN = 26V
Output Noise Voltage (Note 3)
V
O RMS
10Hz - 100kHz, I
O = 5mA
Long Term Stability (Note 3)
Ripple Rejection (Note 3)
R
R
f
O = 120Hz, 1VRMS, IO = 100mA
LX8941
Min.
Typ.
Max.
Note 2. V
IN (MIN) = VOUT + 1.2∆V(MAX).
See Dropout Voltage maximum limit.
1.225
1.25
1.275
V
150
mV
10
50
mV
150
300
mV
275
500
mV
400
800
mV
315
mA
30
50
mA
115
180
mA
220
µA
1
1.2
A
150
µV
RMS
20
mV/1000hr
66
dB
Note 3. These parameters, although guaranteed, are not tested in production.
On Threshold Voltage
On Threshold Current
Off Threshold Voltage
Off Threshold Current
Enable Logic Section
2V
50
µA
0.8
V
-10
µA
PRELIMINARY DATA - Information contained in this document is pre-production data, and is proprietary to LinFinity. It may
not modified in any way without the express written consent of LinFinity. Product referred to herein is offered in sample form
only, and Linfinity reserves the right to change or discontinue this proposed product at any time.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com