Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX9502 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX9502
Description  OUTPUT CABLE ASSEMBLY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX9502 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX9502 Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
KEY FEA TURES
! INTERCONNECTS LXM1653-01 TO THE
LV56ND01A
! SUFFICIENT LENGTH TO
ACCOMODATE CONVENIENT
MOUNTING LOCATION
The LX9502 is an output connector
cable specifically designed to interface
the Linfinity backlight inverter to the
Lucky Goldstar 5.6" LCD panel
(LV56ND01A).
This connector housing
O UTPUT C ABLE A SSEMBL Y
P RODUCTION D AT A S HEET
T HE
I NFINITE
P OWER
OF
I NNOV A TION
Copyright © 1997
Rev. 1.0
7/97
FOR FURTHER INFORMA TION CALL (714) 898-8121
11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841
LX9502
LIN DOC #: 9501
1
PRODUCT HIGHLIGHT
provides a clean mating connector with
the JS connector # SM02(8.0) B-BHS-1D
or SM02-(8.0) B-BHS-TB, found on the
Linfinity inverters.
4.00" Long ± .25"
Heat Shrink (3 plcs)
.75" Long ± .10"
6.00" Long (Wire) ± .25"
Un-insulated ring-tongue
terminal sized for #3 - #4 stud
LX9502 OUTPUT CABLE ASSEMBLY
Linfinity Inverter
Cable Assembly
Panel
LXM1653-01
LX9502
LG-LV56ND1A
SELECTION TABLE


Similar Part No. - LX9502

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX9501 MICROSEMI-LX9501 Datasheet
34Kb / 1P
Input Cable Assembly
LX9501G MICROSEMI-LX9501G Datasheet
46Kb / 1P
Input Cable Assembly
LX9506 MICROSEMI-LX9506 Datasheet
33Kb / 1P
Input Cable Assembly
LX9506 MICROSEMI-LX9506 Datasheet
44Kb / 1P
Input Cable Assembly
LX9506G MICROSEMI-LX9506G Datasheet
44Kb / 1P
Input Cable Assembly
More results

Similar Description - LX9502

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
CNX-310 MARL-CNX-310_15 Datasheet
25Kb / 1P
CABLE ASSEMBLY
CNX-410 MARL-CNX-410_15 Datasheet
1Mb / 1P
CABLE ASSEMBLY
logo
Rosenberger Hochfrequen...
L99-346-3000 ROSENBERGER-L99-346-3000 Datasheet
639Kb / 3P
Cable Assembly
LE3-006-160-NM ROSENBERGER-LE3-006-160-NM Datasheet
212Kb / 4P
Cable assembly
LH1-053-80-NM ROSENBERGER-LH1-053-80-NM Datasheet
72Kb / 2P
CABLE ASSEMBLY
LA2-020-3000 ROSENBERGER-LA2-020-3000 Datasheet
164Kb / 2P
Cable assembly
LU7-071-500 ROSENBERGER-LU7-071-500 Datasheet
623Kb / 1P
Cable assembly
LD5-216-XXXX-Y-Y ROSENBERGER-LD5-216-XXXX-Y-Y Datasheet
122Kb / 2P
CABLE ASSEMBLY
logo
JFW Industries, Inc.
016-107-XX JFW-016-107-XX Datasheet
67Kb / 1P
CABLE ASSEMBLY
logo
TRACO Electronic AG
TEX-C21 TRACOPOWER-TEX-C21 Datasheet
151Kb / 1P
DC Output cable assembly for TEX 120
Rev. August 24, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com