Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXM1615-03-01 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LXM1615-03-01
Description  3.6/5V 2W, DIGITAL DIMMING CCFL INVERTER MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXM1615-03-01 Datasheet(HTML) 4 Page - Microsemi Corporation

  LXM1615-03-01 Datasheet HTML 1Page - Microsemi Corporation LXM1615-03-01 Datasheet HTML 2Page - Microsemi Corporation LXM1615-03-01 Datasheet HTML 3Page - Microsemi Corporation LXM1615-03-01 Datasheet HTML 4Page - Microsemi Corporation LXM1615-03-01 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2000
Rev. 0.3d,2000-11-30
RangeMAX
™
LXM1615-03-xx
3.6/5V 2W, DIGITAL DIMMING CCFL INVERTER MODULE
PRELIMINARY DATA SHEET
A
M I CROSEM I
COM P A N Y

   
    

LAMP VOLTAGE & LAMP CURRENT – BURST MODE OPERATION
  – 50% Burst Duty Cycle
 – 2% Burst Duty Cycle
Rather than using the traditional dimming technique of
varying
lamp
current
magnitude
to
adjust
light
output,
RangeMAX inverters use a fixed lamp current value with a duty
cycle control method.
The lamp current burst width can be modulated from 100%
(continuous lamp current) down to a 2% duty cycle, allowing the
lamp to be dimmed to less than 1% of its full brightness.
As can be seen in Trace 4 of Figure 3 photo at right, careful
design consideration was given to controlling lamp start voltage
to softly start current flow. This eliminates current overshoot
that can result in premature cathode wear and reduce lamp life.
 ! – 2% Burst Duty Cycle (Expanded Time Base)
R a mp G en.
T ransfo rm er
Drive r
H igh Voltage
T ransfo rm er
C o mparator
Ra m p
+
-
I
SEN SE
V
SEN SE
V
LO
V
HI
V
BR IT E
.25 -
2.2V
DC
Figure 4 – RangeMAX Simplified Block Diagram
HIGHLIGHTS
• Integrated brightness control circuit includes a DC
voltage to pulse width converter that minimizes system
design work and system noise susceptibility.
This
provides a familiar and convenient interface while
reducing the potential for externally induced noise,
which can cause lamp flicker.
• RangeMAX inverter modules are designed to operate
with the burst frequency synchronized to the video frame
rate.
This provides operation with no visible display
disturbances caused by beat frequencies between the
lamps and video frame rates. In this synchronous mode,
the inverter burst rate operates at twice the video refresh
rate, well beyond standard 50/60Hz video refresh rates
where the eye can perceive pulsing light.
• In applications with no access to a vertical sync, an
onboard oscillator operates the inverter burst rate at
about 500Hz.
In this non-synchronous mode, minor
display disturbances can be found under certain video
conditions.
This performance may be acceptable for
many applications, but synchronization must be used
when no disturbance can be tolerated.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com