Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXM1620-01 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LXM1620-01
Description  DIRECT DRIVE DUAL LAMP CCFL INVERTER MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXM1620-01 Datasheet(HTML) 3 Page - Microsemi Corporation

  LXM1620-01 Datasheet HTML 1Page - Microsemi Corporation LXM1620-01 Datasheet HTML 2Page - Microsemi Corporation LXM1620-01 Datasheet HTML 3Page - Microsemi Corporation LXM1620-01 Datasheet HTML 4Page - Microsemi Corporation LXM1620-01 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DIRECT DRIVE DUAL LAMP CCFL INVERTER MODULE
LXM1620-01
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 2000
Rev. 0.9 10/00
P RELIMINAR Y D ATA S HEET
FUNCTIONAL PIN DESCRIPTION
Conn.
Pin
Description
Input Power Supply. (10.2V
≤ V
IN ≤ 16V)
Power Supply Return.
ON/OFF Control. (2.2V < SLEEP < V
IN = ON, -0.3V < SLEEP < 0.8V = OFF)
Brightness Control (-0.3V to 5.0V
DC). 5.0VDC gives maximum lamp current.
Leave unconnected.
CN1-1, 2
V
IN
CN1-3, 4
GND
CN1-5
SLEEP
CN1-6
BRITE
CN1-7, 8
N.C.
CN1
PHYSICAL DIMENSIONS
LXM1620-01
All dimensions are in inches (mm)
5.51 (140)
0.94
(24)
0.060
(1.52) max.
0.449
(11.4) max.
0.053
(13.45)
Ø 0.12 (3.0) Grounded Mounting Hole
2.47 (62.75)
CN1
Warning!! High Voltage Present At All Output Connectors
0.370 (9.4)
max.
0.307 (7.8)
CN2 and CN3: Refer to Figure 1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com