Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXM1641-01 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # LXM1641-01
Description  DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXM1641-01 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button LXM1641-01 Datasheet HTML 3Page - Microsemi Corporation LXM1641-01 Datasheet HTML 4Page - Microsemi Corporation LXM1641-01 Datasheet HTML 5Page - Microsemi Corporation LXM1641-01 Datasheet HTML 6Page - Microsemi Corporation LXM1641-01 Datasheet HTML 7Page - Microsemi Corporation LXM1641-01 Datasheet HTML 8Page - Microsemi Corporation LXM1641-01 Datasheet HTML 9Page - Microsemi Corporation LXM1641-01 Datasheet HTML 10Page - Microsemi Corporation LXM1641-01 Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DIGITAL DIMMING QUAD LAMP CCFL INVERTER MODULE
LXM1641-01/-02/-03
PRODUCT DA T ABOOK 1996/1997
9
Copyright © 1999
Rev. 0.7 12/99
P RELIMINAR Y D ATA S HEET
RangeMAXTM
High Voltage
Transformer
I
SENSE
V
SENSE
V
BRITE
Transformer
Driver
Ramp
Gen.
Comparator
V
SYNC
Ramp
V
HI1
V
LO
0-2.5V
DC
HOW RANGEMAX WORKS
LAMP VOLTAGE & LAMP CURRENT — Burst Mode Operation
FIGURE 6 — 50% Burst Duty Cycle
FIGURE 7 — 2% Burst Duty Cycle
FIGURE 8 — 2% Burst Duty Cycle (Expanded Time Base)
FIGURE 9 — RangeMAX Block Diagram
Rather than using the traditional dimming technique of
varying lamp current magnitude to adjust light output,
RangeMAX inverters use a fixed lamp current value with
a duty cycle control method.
The lamp current burst width can be modulated from
100% (continuous lamp current) down to a 2% duty cycle,
allowing the lamp to be dimmed to less than 1% of its
full brightness.
As can be seen in Trace 4 of Figure 8, careful design
consideration was given to controlling lamp start voltage
to softly start current flow. This eliminates current over-
shoot that can result in premature cathode wear and re-
duce lamp life.
(770V
RMS)
(7.6mA
RMS)
(760V
RMS)
(6.7mA
RMS)
(760V
RMS)
(6.7mA
RMS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com