Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXM1641-03 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LXM1641-03
Description  DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXM1641-03 Datasheet(HTML) 3 Page - Microsemi Corporation

  LXM1641-03 Datasheet HTML 1Page - Microsemi Corporation LXM1641-03 Datasheet HTML 2Page - Microsemi Corporation LXM1641-03 Datasheet HTML 3Page - Microsemi Corporation LXM1641-03 Datasheet HTML 4Page - Microsemi Corporation LXM1641-03 Datasheet HTML 5Page - Microsemi Corporation LXM1641-03 Datasheet HTML 6Page - Microsemi Corporation LXM1641-03 Datasheet HTML 7Page - Microsemi Corporation LXM1641-03 Datasheet HTML 8Page - Microsemi Corporation LXM1641-03 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DIGITAL DIMMING QUAD LAMP CCFL INVERTER MODULE
LXM1641-01/-02/-03
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1999
Rev. 0.7 12/99
P RELIMINAR Y D ATA S HEET
RangeMAXTM
ELECTRICAL CHARACTERISTICS (Continued)
Parameter
Symbol
Test Conditions
Units
LXM1641-xx
Min.
Typ.
Max.
Power Characteristics
Sleep Current
I
IN (MIN)
V
IN = 12VDC , SLEEP ≤ 0.8V
550
µA
DC
Note 4. The module will be functional with pulse widths much larger than 250µs, but will have limited dimming.
V
SYNC Characteristics
Logic High Level
V
SYNC (HI)
Logic Low Level
V
SYNC (LO)
Input Impedance
Z
IN
Pulse Width (Note 4)
t
PW
Input Frequency
f
SYNC
4.0
6.5
V
DC
-0.3
1.0
V
DC
60
66
75
k
Ω
25
250
µs
49
150
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com