Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL074QDREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL074QDREP
Description  LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL074QDREP Datasheet(HTML) 1 Page - Texas Instruments

  TL074QDREP Datasheet HTML 1Page - Texas Instruments TL074QDREP Datasheet HTML 2Page - Texas Instruments TL074QDREP Datasheet HTML 3Page - Texas Instruments TL074QDREP Datasheet HTML 4Page - Texas Instruments TL074QDREP Datasheet HTML 5Page - Texas Instruments TL074QDREP Datasheet HTML 6Page - Texas Instruments TL074QDREP Datasheet HTML 7Page - Texas Instruments TL074QDREP Datasheet HTML 8Page - Texas Instruments TL074QDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN−
1IN+
VCC+
2IN+
2IN−
2OUT
4OUT
4IN−
4IN+
VCC−
3IN+
3IN−
3OUT
TL074
D PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
VCC−
VCC+
2OUT
2IN−
2IN+
TL072
D PACKAGE
(TOP VIEW)
TL072-EP, TL074-EP
www.ti.com
SLOS747F – OCTOBER 2011 – REVISED DECEMBER 2012
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
Check for Samples: TL072-EP, TL074-EP
1
FEATURES
•
Low Power Consumption
•
Wide Common-Mode and Differential Voltage
Ranges
•
Low Input Bias and Offset Currents
•
Output Short-Circuit Protection
•
Low Total Harmonic Distortion: 0.003% Typ
•
Low Noise
Vn = 18 nV/√Hz Typ at f = 1 kHz
•
High Input Impedance: JFET Input Stage
•
Internal Frequency Compensation
•
Latch-Up-Free Operation
•
High Slew Rate: 13 V/
μs Typ
•
Common-Mode Input Voltage Range Includes
VCC+
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
•
Controlled Baseline
•
One Assembly and Test Site
•
One Fabrication Site
•
Available in Extended (–40°C to 125°C) or
Military (–55°C to 125°C) Temperature Range
•
Extended Product Life Cycle
•
Extended Product-Change Notification
•
Product Traceability
DESCRIPTION/ORDERING INFORMATION
The JFET-input operational amplifiers in the TL07x is similar to the TL08x series, with low input bias and offset
currents and fast slew rate. The low harmonic distortion and low noise make the TL07x ideally suited for high-
fidelity and audio preamplifier applications. Each amplifier features JFET inputs (for high input impedance)
coupled with bipolar output stages integrated on a single monolithic chip.
The TL07x is characterized for operation over the extended temperature range of –40°C to 125°C or military
temperature range of –55°C to 125°C.
ORDERING INFORMATION(1)
VIOmaX
ORDERABLE
TOP-SIDE
TA
PACKAGE
VID NUMBER
AT 25°C
PART NUMBER
MARKING
TL072QDREP
TL072Q
V62/12604-01XE
–40°C to 125°C
6 mV
SOIC – D
Reel of 2500
TL074QDREP
TL074Q
V62/11621-01XE
Reel of 2500
TL074MDREP
TL074M
V62/11621-02XE
–55°C to 125°C
6 mV
SOIC – D
Tube of 75
TL074MDEP
TL074M
V62/11621-02XE-T
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TL074QDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL074QDREP TI1-TL074QDREP Datasheet
830Kb / 19P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
TL074QDREP TI2-TL074QDREP Datasheet
673Kb / 23P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
REVISED DECEMBER 2012
TL074QDREP.A TI2-TL074QDREP.A Datasheet
673Kb / 23P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
REVISED DECEMBER 2012
More results

Similar Description - TL074QDREP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
logo
NTE Electronics
NTE857M NTE-NTE857M Datasheet
28Kb / 3P
Integrated Circuit Low-Noise JFET-Input Operational Amplifier
logo
Burr-Brown (TI)
OPA827 BURR-BROWN-OPA827 Datasheet
162Kb / 7P
Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
OPA827 BURR-BROWN-OPA827_07 Datasheet
233Kb / 8P
Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA827 TI-OPA827 Datasheet
873Kb / 24P
Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
TL072 DIODES-TL072 Datasheet
186Kb / 11P
LOW NOISE JFET INPUT OPERATIONAL
TL072 Rev. 1
logo
Texas Instruments
TL072-EP TI1-TL072-EP Datasheet
619Kb / 19P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
OPA827AIDGKR TI-OPA827AIDGKR Datasheet
1Mb / 27P
Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
TL074QDREP TI1-TL074QDREP Datasheet
830Kb / 19P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
TL074CJ TI1-TL074CJ Datasheet
1Mb / 48P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com