Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM196 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MM196
Description  6 MOSFET Multi-Chip Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MM196 Datasheet(HTML) 1 Page - Microsemi Corporation

  MM196 Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Microsemi
Santa Ana Division
2830 S. Fairview Street, CA. 92704, 714-979-8220, Fax: 714-557-5989
Page 1
Copyright
 2000
MSC1589.PDF ,2000-09-20
MM196
6 MOSFET Multi-Chip Module
PRELIMINARY SPECIFICATION
SAN T A ANA DIV I S I ON
DESCRIPTION
The MM196 is a Multi-Chip Module, MCM, incorporating 6 independent
MOSFET die into a convenient BGA package. This device is also available
as discrete individual packaged Powermite3, see Microsemi data sheet
UPF1N100. This device is also available as bare die, see Microsemi data
sheet MSAFA1N100D. The MM196 allows users to externally connect the
MOSFETs via a motherboard or next assembly substrate into any
configuration desired. Custom variations of this product incorporating other
Microsemi protection die and/or passive components are available by
contacting the factory.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
INDIVIDUAL COM P ONENT
INDIVIDUAL COM P ONENT
INDIVIDUAL COM P ONENT
INDIVIDUAL COM P ONENT SP ECIFI CAT IONS
SP ECIFI CAT IONS
SP ECIFI CAT IONS
SP ECIFI CAT IONS
Components
Manufacturer
Part Number
Q1 – Q6
Microsemi Santa Ana
MSAFA1N100D
Characteristics
Note: Refer to individual data sheets for component performance.
If there are conflicting requirements, this document takes precedence.
Ma xi mu m Ra tin g s @ 25 ºC
Ma xi mu m Ra tin g s @ 25 ºC
Ma xi mu m Ra tin g s @ 25 ºC
Ma xi mu m Ra tin g s @ 25 ºC
( U N L ES S O T H E R W IS E SP EC I F I E D )
Parameter
S y m b o l
Min
Max
Unit
Peak Repetitive Drain
to Source Voltage
VDSS
1000
V
Operating Temperature
Range
Top
10
55
º C
Ma xi mu m Ra tin g s @ 25 ºC
Ma xi mu m Ra tin g s @ 25 ºC
Ma xi mu m Ra tin g s @ 25 ºC
Ma xi mu m Ra tin g s @ 25 ºC
( U N L ES S O T H E R W IS E SP EC I F I E D )
Description
C o n d it ion s
TYP
Max
Unit
Drain-Source On-State
Resistance, RDS(ON)1
VGS = 10 Vdc,
ID= 1 mAdc
12.5
13.5
ohm
Drain-Source On-State
Resistance, RDS(ON)2
VGS= 7 Vdc,
ID= 5…150
mAdc
TC= 37º C
12.5
ohm
KEY FEATURE S
KEY FEATURE S
KEY FEATURE S
KEY FEATURE S
!"Miniature size, Multi-Chip
Module, MCM
!"Convenient mounting, Ball Grid
Array, BGA
!"Sn63/Pb37 solder bumps
(Alternate attach methods
available)
!"Maximum switch voltage 1000V
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFITS
SS
S
!"Three phase switching
!"AC-DC converters
!"Applications utilizing multiple
MOSFET die in multiple or array
configurations
Schematic
Configuration and Dimensions
Top View
0.38” typical
Microsemi
MM196
0.35”
typical
0.050”
max


Similar Part No. - MM196

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MM19 WEITRON-MM19 Datasheet
161Kb / 3P
Surface Mount Schottky Diodes
MM19 WEITRON-MM19 Datasheet
209Kb / 3P
Surface Mount Schottky Diodes
More results

Similar Description - MM196

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ROK104001 INFINEON-ROK104001 Datasheet
390Kb / 2P
Bluetooth MULTI CHIP MODULE
2002
logo
NEC
MC-7881 NEC-MC-7881 Datasheet
39Kb / 6P
GaAs MULTI-CHIP MODULE
MC-7883 NEC-MC-7883 Datasheet
39Kb / 6P
GaAs MULTI-CHIP MODULE
logo
TDK Electronics
MPU-9250 TDK-MPU-9250 Datasheet
945Kb / 42P
Multi-chip module
logo
Renesas Technology Corp
MC-7832-HA RENESAS-MC-7832-HA Datasheet
264Kb / 8P
GaAs MULTI-CHIP MODULE
2007
MC-7833 RENESAS-MC-7833 Datasheet
279Kb / 8P
GaAs MULTI-CHIP MODULE
2006
MC-7836 RENESAS-MC-7836 Datasheet
279Kb / 8P
GaAs MULTI-CHIP MODULE
2008
MC-7845 RENESAS-MC-7845 Datasheet
195Kb / 8P
GaAs MULTI-CHIP MODULE
2006
MC-7846 RENESAS-MC-7846 Datasheet
195Kb / 8P
GaAs MULTI-CHIP MODULE
2006
MC-7883 RENESAS-MC-7883 Datasheet
280Kb / 8P
GaAs MULTI-CHIP MODULE
2002
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com