Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NI-R3188 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NI-R3188
Description  Support 3G extensions
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NI-R3188 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NI-R3188 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NI-R3188
Rockchip® RK3188
ARM ® Cortex™-A9 quad-core1.6GHz,
ARM Mali-400 MP4 ,Open GL2.0
HDMI +LVDS
IEEE 802.11 b/g/n+ Bluetooth +100Mbp/S(RJ45)+IR+3G(Optional)
Specifications
CPU
RockChip® RK3188
ARM ® Cortex™-A9 quad-core1.6GHz
GPU
ARM Mali-400 MP4 ,Open GL2.0
OS
Android™ 4.2
Memory
DDR3 2GB RAM
Storage
8GB Nand Flash
TransFlash Card,32GB MAX
HDMI
HDMI1.4 (Support 1080P)
Network
IEEE 802.11 b/g/n+ Bluetooth +100Mbp/S(RJ45)+IR+3G(Optional)
I/O Port
1*DC IN
3*USB 2.0 ( 1*USB OTG)
1*RJ45
1*HDMI
1*TF Card Reader
1* 3.5mm Earphone
1*30Pin LVDS port (Single
channel 8bit)
1*8Pin LVDS screen backlight
control interface, 12V
1*4Pin VOL+ &VOL-
1*2Pin MIC-In port
1*4Pin SYS FAN
1*4Pin Speaker port
2*9Pin COM port
1*Mini-PCIE (Only used for 3G module)
1*SIM_Card
1*2x2 Pin ATX 12V
1*6Pin The front panel function interface port
1*6Pin MCU program burning port
HW Key
Power, Burning, Recovery
Antenna Port
1*Wi-Fi /BT +1*3G
BAT-CMOS
3.3V RTC Wake Up
DC_IN
DC 12V
Size
120*120MM
This information is subject to change without notice
ARM ® Cortex™-A9 quad-core
ARM ® Cortex™-A9 quad-core1.6GHz,
powerful image processing and computing
performance.
Support 3G extensions
Expandable 3G slot provide most
possibility solutions in digital signage and
Broadcasting industry.
Special Timed On/off、Auto Power
on Function on hardware
(JAHC Technology)
Independent MCU Control Technology
on hardware,can realize reliable RTC
Timed On/off、Auto Power on without
system supporting ,more intelligent,
Unmanned Operation in Digital Signage field.


Similar Part No. - NI-R3188

ManufacturerPart #DatasheetDescription
logo
TAITIEN ELECTRONICS CO....
NI-100M-2900 TAITIEN-NI-100M-2900 Datasheet
1Mb / 4P
Oven Controlled Crystal Oscillator
NI-100M-2901 TAITIEN-NI-100M-2901 Datasheet
1Mb / 4P
Oven Controlled Crystal Oscillator
NI-10M-2400 TAITIEN-NI-10M-2400 Datasheet
417Kb / 3P
Oven Controlled Crystal Oscillator
NI-10M-2401 TAITIEN-NI-10M-2401 Datasheet
417Kb / 3P
Oven Controlled Crystal Oscillator
NI-10M-2402 TAITIEN-NI-10M-2402 Datasheet
417Kb / 3P
Oven Controlled Crystal Oscillator
More results

Similar Description - NI-R3188

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SGE2661-3G MICROSEMI-SGE2661-3G Datasheet
176Kb / 2P
SGE2661-3G
logo
ATMEL Corporation
AT91SAM9G10 ATMEL-AT91SAM9G10 Datasheet
720Kb / 39P
DSP Instruction Extensions
logo
Dialight Corporation
515-1140-100F DIALIGHT-515-1140-100F Datasheet
102Kb / 1P
Optopipe짰 Lightpipe Actuator Extensions
logo
ATMEL Corporation
AT91SAM9261 ATMEL-AT91SAM9261_14 Datasheet
807Kb / 44P
DSP Instruction Extensions
logo
Semtech Corporation
GS2962 SEMTECH-GS2962 Datasheet
2Mb / 82P
3G/HD/SD-SDI Serializer with Complete SMPTE Video Support
GS2972 SEMTECH-GS2972 Datasheet
3Mb / 125P
3G/HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
logo
Neutrik AG
NE8FF NEUTRIK-NE8FF Datasheet
66Kb / 3P
etherCON RJ45 feedthrough coupler for cable extensions
NL8MM NEUTRIK-NL8MM Datasheet
60Kb / 2P
8 pole speakON feedthrough adapter for cable extensions
NE8FFX6-W NEUTRIK-NE8FFX6-W Datasheet
65Kb / 2P
etherCON CAT6 feedthrough coupler for A cable extensions.
logo
Advantech Co., Ltd.
AIM-38 ADVANTECH-AIM-38_V02 Datasheet
280Kb / 1P
Extensions and Accessories
13-Aug-2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com