Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBC-310 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SBC-310
Description  Integrated Intel짰 HD Graphics Built-in Visuals
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SBC-310 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SBC-310 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The specification is subject to change without notice. The brand and product names are trademarks of their respective companies. Any configuration other than original product specification is not guaranteed.
Industrial Motherboards
Specifications
3.5" SBC Motherboard
SBC-310
•
BGA Haswell MCP for Intel Core i5/Celeron (Haswell ULT)
•
Integrated Intel® HD Graphics Built-in Visuals
•
Supports DDR3L 1333/1600MHz, 1 x SO-DIMM, up to 8GB system memory
•
2 x HDMI, 1 x 24 bit Dual Channel LVDS co-lay with eDP
•
4 x USB 3.0, 4 x USB 2.0,2 x SATA3
•
1 x mini-PCIe, 1x mSATA,
•
Gigabit LAN : 1 x RTL8111G x 1, 1 x Intel I218LM(4300U SKU)
•
Gigabit LAN : 1 x RTL8111G x 1, 1 x Intel I218V(2890U SKU)
•
1 x TPM Header
Spotlight Features
Processor System
Dimension
CPU
Core Number
Max Speed
L2 Cache
Chipset
BIOS
3.5" SBC (5.8-in x 4.0-in)/ ( 146 x 102 mm)
BGA type for Intel Core i5-4300/Celeron 2980U mobile
processor (Haswell ULT MCP )Default 2980U Dual core MCP
(By CPU, Max 4)
( By CPU)
(By CPU)
(By CPU)
UEFI
Graphics
Controller
VRAM
VGA
LVDS
HDMI
DVI
Display Port
Multi Display
Intel HD Graphics (By CPU)
Shared Memory
0
1 co-lay with eDP
Supports HDMI 1.4a, supported with Level Shift,
resolution up to 4096x2304 (1x HDMI)
0
0
Yes(Three Display)
Expansion Slot
PCI
Mini-PCIe
mSATA
PCIe
CFast Card Socket
0
1 (Half Size) + 1 (Full Size ) shared with mSATA
1 (Full Size ) shared with SATA2
0
0
Memory
Technology
Max.
Socket
Single Channel DDR3L 1333/1600 MHz SDRAM
8GB
1 x SO-DIMM
Ethernet
Interface
Controller
Connector
10/100/1000 Mbps
GbE LAN1:RTL8111G , LAN2: Intel I218LM (4300U SKU)
GbE LAN1:RTL8111G , LAN2: Intel I218V (2980U SKU)
2 x RJ 45
SATA
Max Data Transfer Rate SATA3 (6.0Gb/S)
Rear I/O
VGA
HDMI
DVI-I/D
Display Port
Ethernet
USB
Audio
Serial
e-SATA
PS/2
0
2
0
0
2
4 x USB 3.0
0
0
0
0
Internal Connector
USB
LVDS/Inverter
VGA
Serial
SATA
m-SATA
Mini-PCIe
Parallel
IrDA
GPIO
SATA PWR Output Con
Speaker Header
4 (2 x USB Header 2.54mm pitch)
24 bit dual channel LVDS co-lay with eDP
0
4 ( 2 RS-232/422/485, 2 RS-232)
2 x SATA3 (6.0Gb/s)
1(shared)
1
0
0
4 x GPI + 4 x GPO
1
1
Watchdog Timer
Output
Interval
Output from super I/O to drag RESETCON#
256 Segments, 0,1,2…255 Sec/Min
Power Requirements
Input PWR
Power On
DC 9-36 input
AT/ATX Supported AT : Directly PWR on as power input ready
ATX : Press button to PWR on after power input ready
Environment
Operating Temperature 0ºC – 60ºC


Similar Part No. - SBC-310

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
SBC-357 AAEON-SBC-357 Datasheet
377Kb / 1P
386SX-40 Processor
SBC-357-A10-01 AAEON-SBC-357-A10-01 Datasheet
377Kb / 1P
386SX-40 Processor
SBC-357-A21 AAEON-SBC-357-A21 Datasheet
377Kb / 1P
386SX-40 Processor
SBC-357-C11 AAEON-SBC-357-C11 Datasheet
629Kb / 1P
386SX-40 Processor
SBC-357-C11-01 AAEON-SBC-357-C11-01 Datasheet
629Kb / 1P
386SX-40 Processor
More results

Similar Description - SBC-310

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM7035 BOARDCOM-BCM7035 Datasheet
156Kb / 1P
HD VIDEO / GRAPHICS UMA SUBSYSTEM AND MIXER WITH DVI
logo
Bolymin, Inc
BG240128B3 BOLYMIN-BG240128B3 Datasheet
111Kb / 1P
SMT PCB with metal frame Built-in controllerLC7981(=HD 61830)
logo
STMicroelectronics
STI7108 STMICROELECTRONICS-STI7108 Datasheet
258Kb / 12P
Advanced HD AVC decoder with 3D graphics acceleration
16-Nov-2009
logo
Axiomtek Co., Ltd.
SHB213 AXIOMTEK-SHB213 Datasheet
174Kb / 1P
Supports Intel짰 HD graphics
logo
List of Unclassifed Man...
SBC-210 ETC2-SBC-210 Datasheet
396Kb / 1P
Integrated Intel짰 Gen7 Intel Graphics DX 11, OGL3.2
SBC-211 ETC2-SBC-211 Datasheet
340Kb / 1P
Integrated Intel짰 Gen7 Intel Graphics DX 11*, OGL3.2
SBC-220 ETC2-SBC-220 Datasheet
825Kb / 1P
Integrated Intel짰 Gen8 Intel Graphics DX 11*, OGL3.2
logo
Microchip Technology
AN1368 MICROCHIP-AN1368 Datasheet
601Kb / 34P
Developing Embedded Graphics Applications using PIC짰Microcontrollers with Integrated Graphics Controller
02/18/11
logo
Intel Corporation
RMS25KB080 INTEL-RMS25KB080 Datasheet
351Kb / 4P
Intel짰 Integrated RAID Modules
2012
logo
Aven, Inc.
26700-140-3D AVEN-26700-140-3D Datasheet
707Kb / 1P
Digital Microscope with Built-in HD Monitor and 360 Viewer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com